Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-16 Datasheet (PDF) - Integrated Circuit Systems

ICS9250-16 Datasheet PDF - Integrated Circuit Systems
Part # ICS9250-16
Download  ICS9250-16 Download
File Size   540.38 Kbytes
Page   17 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for Celeron & PII/III?

ICS9250-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9250-16 Datasheet PDF - Integrated Circuit Systems

Part # ICS9250-16
Download  ICS9250-16 Click to download

File Size   540.38 Kbytes
Page   17 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for Celeron & PII/III?

ICS9250-16 Datasheet (HTML) - Integrated Circuit Systems


ICS9250-16 Product details

Features:

• Supports spread spectrum modulation, down spread 0 to -0.5% and ± 0.25% center spread.

• I2C support for power management

• Efficient power management scheme through PD#

• Uses external 14.138MHz crystal

• Alternate frequency selections available through I2C control.



Output Features:

• 3 CPU (2.5V) 66.6/133.3MHz (up to 150MHz achievable through I2C)

• 9 SDRAM (3.3V) @ 133.3MHz (up to 150MHz achievable through I2C)

• 8 PCI (3.3 V) @33.3MHz

• 2 IOAPIC (2.5V) @ 33.3MHz

• 2 Hublink clocks (3.3 V) @ 66.6MHz

• 2 USB (3.3V) @ 48MHz ( Non spread spectrum)

• 1 REF (3.3V) @ 14.318MHz



Recommended Application:

  810/810E type chipset.



 




Similar Part No. - ICS9250-16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9250-16 RENESAS-ICS9250-16 Datasheet
867Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results


Similar Description - ICS9250-16

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 7/17/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9248-99 ICST-ICS9248-99 Datasheet
451Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 8/27/99
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-19 ICST-ICS9250-19 Datasheet
562Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev C 4/12/01
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com