Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-16 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9250-16
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-16 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9250-16 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-16 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
ICS9250-16
The ICS9250-16 is a single chip clock solution for 810/810E type
chipset. It provides all necessary clock signals for such
a system.
Spread spectrum may be enabled through I2C programming. Spread
spectrum typically reduces EMI by 8dB to 10 dB. This simplifies
EMI qualification without resorting to board design iterations or
costly shielding. The ICS9250-16 employs a proprietary closed
loop design, which tightly controls the percentage of spreading
over process and temperature variations.
General Description
Pin Configuration
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1
2
S
FN
I
y
t
i
l
a
n
o
i
t
c
n
u
f
t
u
p
t
u
o
l
l
a
,
y
c
n
e
u
q
e
r
f
U
P
C
s
e
n
i
m
r
e
t
e
D
.
n
i
p
t
c
e
l
e
S
n
o
i
t
c
n
u
F
K
0
5
h
t
i
w
(
W
.
)
n
w
o
d
-
l
l
u
p
0
F
E
RT
U
O.
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
,
V
3
.
3
31
XN
I
k
c
a
b
d
e
e
f
d
n
a
)
F
p
3
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
2
X
m
o
r
f
r
o
t
s
i
s
e
r
42
XT
U
O
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
t
u
p
t
u
o
l
a
t
s
y
r
C
)
F
p
3
3
(
p
a
c
,
3
2
,
7
1
,
4
1
,
6
,
5
7
4
,
1
4
,
5
3
,
4
2
)
5
:
0
(
D
N
GR
W
Py
l
p
p
u
s
V
3
.
3
r
o
f
s
n
i
p
d
n
u
o
r
G
7
,
8]
0
:
1
[
6
6
V
3T
U
OB
U
H
r
o
f
s
t
u
p
t
u
o
k
c
o
l
c
z
H
M
6
6
d
e
x
i
F
V
3
.
3
,
1
2
,
0
1
,
9
,
2
4
4
,
8
3
,
3
3
,
7
2
,
2
2
)
5
:
0
(
D
D
VR
W
Py
l
p
p
u
s
r
e
w
o
p
V
3
.
3
,
6
1
,
8
1
,
9
1
,
0
2
1
1
,
2
1
,
3
1
,
5
1
]
0
:
7
[
K
L
C
I
C
PT
U
OS
K
L
C
U
P
C
s
u
o
n
o
r
h
c
n
y
S
h
t
i
w
,
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
6
2
,
5
2)
1
:
0
(
z
H
M
8
4T
U
OB
S
U
r
o
f
s
t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
d
e
x
i
F
V
3
.
3
9
2
,
8
2)
1
:
0
(
S
FN
I
.
y
t
i
l
a
n
o
i
t
c
n
u
f
t
u
p
t
u
o
l
l
a
,
y
c
n
e
u
q
e
r
f
U
P
C
s
e
n
i
m
r
e
t
e
D
.
s
n
i
p
t
c
e
l
e
S
n
o
i
t
c
n
u
F
.
3
e
g
a
p
n
o
e
l
b
a
t
y
t
i
l
a
n
o
i
t
c
n
u
F
o
t
r
e
f
e
r
e
s
a
e
l
P
0
3A
T
A
D
SN
II
r
o
f
t
u
p
n
i
a
t
a
D
2
.
t
u
p
n
i
l
a
i
r
e
s
C
1
3K
L
C
SN
II
f
o
t
u
p
n
i
k
c
o
l
C
2
t
u
p
n
i
C
2
3#
D
PN
I
o
t
n
i
e
c
i
v
e
d
e
h
t
n
w
o
d
r
e
w
o
p
o
t
d
e
s
u
n
i
p
t
u
p
n
i
w
o
l
e
v
i
t
c
a
s
u
o
n
o
r
h
c
n
y
s
A
d
n
a
O
C
V
e
h
t
d
n
a
d
e
l
b
a
s
i
d
e
r
a
s
k
c
o
l
c
l
a
n
r
e
t
n
i
e
h
T
.
e
t
a
t
s
r
e
w
o
p
w
o
l
a
e
b
t
o
n
l
l
i
w
n
w
o
d
r
e
w
o
p
e
h
t
f
o
y
c
n
e
t
a
l
e
h
T
.
d
e
p
p
o
t
s
e
r
a
l
a
t
s
y
r
c
e
h
t
.
s
m
3
n
a
h
t
r
e
t
a
e
r
g
,
0
4
,
9
3
,
7
3
,
6
3
6
4
,
5
4
,
3
4
,
2
4
]
0
:
7
[
M
A
R
D
ST
U
O
f
f
o
d
e
n
r
u
t
e
b
n
a
c
s
t
u
p
t
u
o
M
A
R
D
S
l
l
A
.
z
H
M
0
0
1
g
n
i
n
n
u
r
t
u
p
t
u
o
V
3
.
3
I
h
g
u
o
r
h
t
2C
4
3F
_
M
A
R
D
ST
U
OI
h
g
u
o
r
h
t
f
f
o
d
e
n
r
u
t
e
b
t
o
n
n
a
c
,
M
A
R
D
S
z
H
M
0
0
1
g
n
i
n
n
u
r
e
e
r
f
V
3
.
3
2C
8
4
,
6
5]
0
:
1
[
L
D
N
GR
W
PC
I
P
A
&
U
P
C
r
o
f
y
l
p
p
u
s
r
e
w
o
p
V
5
.
2
r
o
f
d
n
u
o
r
G
2
5
,
0
5
,
9
4]
0
:
2
[
K
L
C
U
P
CT
U
O
g
n
i
d
n
e
p
e
d
z
H
M
3
3
1
r
o
z
H
M
0
0
1
,
z
H
M
6
6
.
t
u
p
t
u
o
k
c
o
l
c
s
u
b
t
s
o
H
V
5
.
2
.
s
n
i
p
)
2
:
0
(
S
F
n
o
3
5
,
1
5)
1
:
0
(
L
D
D
VR
W
PC
I
P
A
O
I
&
U
P
C
r
o
f
y
l
p
p
u
s
r
e
w
o
p
V
5
.
2
5
5
,
4
5]
0
:
1
[
C
I
P
A
O
IT
U
O.
z
H
M
3
.
3
3
t
a
g
n
i
n
n
u
r
s
t
u
p
t
u
o
k
c
o
l
c
V
5
.
2
Power Groups
VDD0, GND0 = REF & Crystal
VDD1, GND1 = 3V66 (0:1)
VDD2, GND2 = PCICLK(0:7)
VDD3, GND3 = PLL core
VDD4, GND4 = 48MHz (0:1)
VDD5, GND5 = SDRAM_F, SDRAM (0:7)
VDDL0, GNDL0 = CPUCLK (0:2)
VDDL1, GNDL1 = IOAPIC (0:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com