Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-112 Datasheet (PDF) - Integrated Circuit Systems

ICS9248-112 Datasheet PDF - Integrated Circuit Systems
Part # ICS9248-112
Download  ICS9248-112 Download
File Size   384.6 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for Celeron & PII/III?

ICS9248-112 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9248-112 Datasheet PDF - Integrated Circuit Systems

Part # ICS9248-112
Download  ICS9248-112 Click to download

File Size   384.6 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for Celeron & PII/III?

ICS9248-112 Datasheet (HTML) - Integrated Circuit Systems


ICS9248-112 Product details

General Description
The ICS9248-112 is the single chip clock solution for designs using the 810/810E style chipset. It provides all necessary clock singles for usch a system.

Output Features:
• 2- CPUs @2.5V, up to 150MHz.
• 9 - SDRAM @ 3.3V, up to150MHz including 1 free running
• 8 - PCICLK @ 3.3V
• 1 - IOAPIC @ 2.5V, PCI or PCI/2 MHz
• 2 - 3V66MHz @ 3.3V, 2X PCI MHz
• 1- 48MHz, @3.3V fixed.
• 1- 24MHz, @3.3V fixed
• 1- REF @3.3V, 14.318MHz.

Features:
• Up to 166MHz frequency support
• Support FS0-FS3 strapping status bit for I2C read back.
• Support power management: Through Power down Mode from I2C programming.
• Spread spectrum for EMI control ( ± 0.25% center).
• Spread can be enabled or disabled to all 32 frequencies throuth I2C.
• Uses external 14.318MHz crystal

Recommended Application:
   810/810E type chipset.




Similar Part No. - ICS9248-112

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-110 ICST-ICS9248-110 Datasheet
152Kb / 14P
AMD-K7TM System Clock Chip
Rev C 01/08/01
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
AMD - K7 ™ System Clock Chip
12/28/01
More results


Similar Description - ICS9248-112

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 7/17/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9248-99 ICST-ICS9248-99 Datasheet
451Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 8/27/99
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-19 ICST-ICS9250-19 Datasheet
562Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev C 4/12/01
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com