Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-112 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-112
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-112 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-112 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-112 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-112 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-112 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-112 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-112 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-112 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-112 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-112 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ICS9248-112
Preliminary Product Preview
Third party brands and names are the property of their respective owners.
General Description
Pin Configuration
Power Groups
GNDREF, VDDREF = REF0, X1, X2
GNDPCI , VDDPCI = PCICLK [9:0]
GNDSDR, VDDSDR = SDRAM [7:0], SDRAM_F,
supply for PLL core
GND3V66,VDD3V66=3V66
GND48 , VDD48 = 48MHz, 24_48MHz,
VDDLAPIC = IOAPIC
GNDLCPU , VDDLCPU = CPUCLK [1:0]
The ICS9248-112 is the single chip clock solution for designs
using the 810/810E style chipset. It provides all necessary
clock signals for such a system.
Spread spectrum may be enabled through I2C programming.
Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9248-112
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Serial programming I2C interface allows changing functions,
stop clock programming and frequency selection.
N
I
P
R
E
B
M
U
N
E
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
11
F
E
RT
U
O.
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
,
V
3
.
3
,
8
1
,
0
1
,
9
,
2
7
3
,
9
2
,
5
2
D
D
VR
W
Py
l
p
p
u
s
r
e
w
o
p
V
3
.
3
31
XN
I
k
c
a
b
d
e
e
f
d
n
a
)
F
p
3
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
2
X
m
o
r
f
r
o
t
s
i
s
e
r
42
XT
U
O
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
t
u
p
t
u
o
l
a
t
s
y
r
C
)
F
p
3
3
(
p
a
c
,
8
2
,
1
2
,
4
1
,
6
,
5
1
4
,
3
3
D
N
GR
W
Py
l
p
p
u
s
V
3
.
3
r
o
f
s
n
i
p
d
n
u
o
r
G
8
,
7)
0
:
1
(
6
6
V
3T
U
Oz
H
M
I
C
P
X
2
t
a
g
n
i
n
n
u
r
B
U
H
r
o
f
s
t
u
p
t
u
o
k
c
o
l
c
V
3
.
3
1
1
0
K
L
C
I
C
P
1
T
U
OS
K
L
C
U
P
C
s
u
o
n
o
r
h
c
n
y
S
h
t
i
w
,
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
0
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
2
1
1
K
L
C
I
C
P
1
T
U
OS
K
L
C
U
P
C
s
u
o
n
o
r
h
c
n
y
S
h
t
i
w
,
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
1
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
,
6
1
,
5
1
,
3
1
0
2
,
9
1
,
7
1
)
7
:
2
(
K
L
C
I
C
PT
U
OS
K
L
C
U
P
C
s
u
o
n
o
r
h
c
n
y
S
h
t
i
w
,
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
V
3
.
3
2
2#
D
PN
I
o
t
n
i
e
c
i
v
e
d
e
h
t
n
w
o
d
r
e
w
o
p
o
t
d
e
s
u
n
i
p
t
u
p
n
i
w
o
l
e
v
i
t
c
a
s
u
o
n
o
r
h
c
n
y
s
A
d
n
a
O
C
V
e
h
t
d
n
a
d
e
l
b
a
s
i
d
e
r
a
s
k
c
o
l
c
l
a
n
r
e
t
n
i
e
h
T
.
e
t
a
t
s
r
e
w
o
p
w
o
l
a
e
b
t
o
n
l
l
i
w
n
w
o
d
r
e
w
o
p
e
h
t
f
o
y
c
n
e
t
a
l
e
h
T
.
d
e
p
p
o
t
s
e
r
a
l
a
t
s
y
r
c
e
h
t
.
s
m
3
n
a
h
t
r
e
t
a
e
r
g
3
2K
L
C
SN
II
f
o
t
u
p
n
i
k
c
o
l
C
2
t
u
p
n
i
C
4
2A
T
A
D
SN
II
r
o
f
t
u
p
n
i
a
t
a
D
2
.
t
u
p
n
i
l
a
i
r
e
s
C
6
2
z
H
M
8
4T
U
OB
S
U
r
o
f
t
u
p
t
u
o
k
c
o
l
c
z
H
M
8
4
d
e
x
i
F
V
3
.
3
3
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
7
2
2
S
FN
I.
n
o
r
e
w
o
p
t
a
d
e
h
c
t
a
l
t
u
p
n
I
.
t
i
b
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
n
i
c
i
g
o
L
z
H
M
4
2T
U
Ot
u
p
t
u
o
z
H
M
4
2
d
e
x
i
f
V
3
.
3
0
3F
_
M
A
R
D
ST
U
OI
y
b
d
e
t
c
e
f
f
a
t
o
n
M
A
R
D
S
g
n
i
n
n
u
r
e
e
r
f
V
3
.
3
2C
,
6
3
,
8
3
,
9
3
,
0
4
1
3
,
2
3
,
4
3
,
5
3
)
0
:
7
(
M
A
R
D
ST
U
Os
t
u
p
t
u
o
V
3
.
3
2
4L
D
N
GR
W
PC
I
P
A
&
U
P
C
r
o
f
y
l
p
p
u
s
r
e
w
o
p
V
5
.
2
r
o
f
d
n
u
o
r
G
4
4
,
3
4)
0
:
1
(
K
L
C
U
P
CT
U
O.
t
u
p
t
u
o
k
c
o
l
c
s
u
b
t
s
o
H
V
5
.
2
7
4
,
5
4L
D
D
VR
W
PC
I
P
A
O
I
,
U
P
C
r
o
f
y
l
p
p
u
s
r
e
w
o
p
V
5
.
2
6
4C
I
P
A
O
IT
U
Ot
u
p
t
u
o
k
c
o
l
c
V
5
.
2
8
4
0
F
E
R
1
T
U
O.
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
,
V
3
.
3
C
I
P
A
O
I
_
Q
E
R
FN
I
K
L
C
I
C
P
=
k
c
o
l
C
C
I
P
A
,
0
=
C
I
P
A
_
Q
E
R
F
f
I
"
"
)
t
l
u
a
f
e
d
(
2
/
K
L
C
I
C
P
=
k
c
o
l
C
C
I
P
A
,
1
=
C
I
P
A
_
Q
E
R
F
f
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com