Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94258 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS94258
Description  Programmable System Clock Chip for PIII Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94258 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS94258 Datasheet HTML 7Page - Renesas Technology Corp ICS94258 Datasheet HTML 8Page - Renesas Technology Corp ICS94258 Datasheet HTML 9Page - Renesas Technology Corp ICS94258 Datasheet HTML 10Page - Renesas Technology Corp ICS94258 Datasheet HTML 11Page - Renesas Technology Corp ICS94258 Datasheet HTML 12Page - Renesas Technology Corp ICS94258 Datasheet HTML 13Page - Renesas Technology Corp ICS94258 Datasheet HTML 14Page - Renesas Technology Corp ICS94258 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
ICS94258
Third party brands and names are the property of their respective owners.
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . 0°C to +70°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2
VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
-5
5
mA
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
CL = 0; CPU=66 MHz, SDRAM=66 MHz
101
125
CL = 0; CPU=100 MHz, SDRAM=66, 100,
133 MHz
120
150
CPU=133 MHz, SDRAM=133 MHz
140
175
IDD2.5OP
CL =0; CPU=66-133 MHz, SDRAM=100
11
70
Powerdown Current
IDD3.3PD
CL = 0 pF; Input address to VDD or GND
200
600
mA
Input Frequency
Fi
VDD = 3.3 V
14.32
MHz
CIN
Logic Inputs
5
pF
COUT
Output pin capacitance
6
pF
CINX
X1 & X2 pins
27
45
pF
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target frequency
3ms
CPU to SDRAM
tskCPU-SDR
VT = 1.25 V/ VT = 1.5 V
350
ps
CPU to PCI
tskCPU-PCI
VT = 1.25 V/ VT = 1.5 V
1.2
3
ns
AGP to PCI
tskAGP-PCI
VT = 1.5 V
750
ps
1Guaranteed by design, not 100% tested in production.
Input Capacitance
1
Input Low Current
mA
IDD3.3OP
Operating Supply
Current
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com