Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94258 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS94258
Description  Programmable System Clock Chip for PIII Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS94258 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS94258 Datasheet HTML 1Page - Renesas Technology Corp ICS94258 Datasheet HTML 2Page - Renesas Technology Corp ICS94258 Datasheet HTML 3Page - Renesas Technology Corp ICS94258 Datasheet HTML 4Page - Renesas Technology Corp ICS94258 Datasheet HTML 5Page - Renesas Technology Corp ICS94258 Datasheet HTML 6Page - Renesas Technology Corp ICS94258 Datasheet HTML 7Page - Renesas Technology Corp ICS94258 Datasheet HTML 8Page - Renesas Technology Corp ICS94258 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
ICS94258
Third party brands and names are the property of their respective owners.
Pin Descriptions
Notes:
1:
Internal Pull-up Resistor of 120K to 3.3V on indicated inputs
2:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor
to program logic Hi to VDD or GND for logic low.
3:
Internal Pull-down resistor of 120K to GND on indicated inputs.
PIN NUMBER
PIN N AME
TYPE
DESCRIPTION
1, 45
V DDL
PWR
Pow er supply pins, nominal 2.5V
2
IOAPIC
OUT
2.5V clock outputs
4
X1
IN
Crystal input,nominally 14.318M Hz.
5
X2
OUT
Crystal output, nominally 14.318M H z.
3, 11, 16, 23, 29,
34, 41, 48
GN D
PWR
G round pins
6, 8, 17, 21, 28,
35, 40
VD D
PWR
Pow er supply pins, nominal 3.3V
FS0
2, 3
IN
Frequency select pin, 1X or 2X strength (default = 2X).
REF
OUT
14.318 M H z reference clock.
FS1
2, 3
IN
Frequency select pin.
AG P0
OUT
A GP outputs defined as 2X PCI frequency. These may not be stopped.
10
AG P1
OUT
A GP outputs defined as 2X PCI frequency. These may not be stopped.
PCICLK_F
OUT
Free running PCICLK not stoped by PCI_STOP#
FS2
1, 3
IN
Frequency select pin.
PCICLK2
OUT
PCI clock output
RESET#
OUT
Real time system reset signal for frequency value or watchdog timmer
timeout. This signal is active low. Output is selectable via I
2
C Byte 5 bit7
14, 13
PCICLK
(1, 0)
OUT
PCI clock outputs.
PCICLK3
OUT
PCI clock output.
MODE
1, 3
IN
Function select pin, 1=Desktop M ode, 0=M obile M ode.
EPCICLK_F
OUT
Free running early PCI clock output (default)
PCICLK4
OUT
PCI clock output.
PD #
1
IN
A synchronous active low input pin used to power down the device into a low
power state. The internal clocks are disabled and the VCO and the crystal are
stopped. The latency of the power down w ill not be greater than 3ms.
(See M ODE table for further information.)
PCICLK5
OUT
PCI clock output. This pin is active when M ODE = 0 (default)
FS3
2, 3
IN
Frequency select pin.
48M Hz
OUT
48M Hz output clock.
24
SCLK
IN
Clock input of I
2
C input, 5V tolerant input
PD #
1
IN
A synchronous active low input pin used to power down the device into a low
power state. The internal clocks are disabled and the VCO and the crystal are
stopped. The latency of the power down w ill not be greater than 3ms.
(See M ODE table for further information.)
SD RA M 12
OUT
SDRAM clock output. This pin is active when M ODE = 1.
CPU_STOP#
1
IN
This asynchronous input halts CPU clock at logic "0" level when driven low,
the stop selection can be programmed through I
2
C. This is activated when
M ODE = 0 (default)
SD RA M 11
OUT
SDRAM clock output. This pin is active when M ODE = 1.
PCI_STOP#
1
IN
Stops all PCICLKs besides the PCICLK_F clocks at logic 0 level,
when input low. This is activated when M OD E = 0 (default)
SD RA M 10
OUT
SDRAM clock output. This pin is active when M ODE = 1.
SELPCI_F
IN
Selects EPCICLK _F This pin is active when M O DE = 0 (default).
SDRAM 9
OUT
SDRAM clock output. This pin is active when M ODE = 1.
31, 32, 33, 36, 37,
38, 39, 42, 43
SDRAM ( 8:0 )
OUT
SDRAM clock outputs.
44
SDA TA
I/O
Data pin for I
2
C circuitry 5V tolerant
46
CPUCLK _F
OUT
Free running CPU clock. N ot affected by CPU_STO P#.
47
CPUCLK
OUT
2.5V CPU clock.
30
19
9
7
27
26
12
25
22
18
20
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com