Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950401 Datasheet (PDF) - Renesas Technology Corp

ICS950401 Datasheet PDF - Renesas Technology Corp
Part # ICS950401
Download  ICS950401 Download
File Size   288.45 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AMD - K8™ System Clock Chip

ICS950401 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS950401 Datasheet PDF - Renesas Technology Corp

Part # ICS950401
Download  ICS950401 Click to download

File Size   288.45 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AMD - K8™ System Clock Chip

ICS950401 Datasheet (HTML) - Renesas Technology Corp


ICS950401 Product details

Output Features:
• 2 - Differential pair push-pull CPU clocks @ 3.3V
• 7 - PCI (Including 1 free running) @3.3V
• 3 - Selectable HT/PCI 66/33MHz @3.3V
• 1 - 48MHz, @3.3V fixed.
• 1 - 24/48MHz @ 3.3V
• 3 - REF @3.3V, 14.318MHz.
Features:
• Up to 220MHz frequency support
• Support power management: PCI stop and stop
clocks controlled by I2C.
• Spread spectrum for EMI reduction
• Uses external 14.318MHz crystal
• Supports Hypes transport technology (HT66 output).




Similar Part No. - ICS950401

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950401 ICST-ICS950401 Datasheet
108Kb / 14P
AMD - K8TM System Clock Chip
More results


Similar Description - ICS950401

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-64 ICST-ICS9248-64 Datasheet
142Kb / 15P
AMD-K7TM System Clock Chip
Rev C 03/19/01
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
AMD - K8 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
AMD - K8??System Clock Chip
ICS9248-171 ICST-ICS9248-171 Datasheet
213Kb / 15P
AMD - K7TM System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
AMD - K8 System Clock Chip
logo
Renesas Technology Corp
ICS9248-114 RENESAS-ICS9248-114 Datasheet
1Mb / 15P
AMD - K7 ™ System Clock Chip
12/28/01
ICS950405 RENESAS-ICS950405 Datasheet
351Kb / 17P
AMD - K8™ System Clock Chip
2019
ICS951403 RENESAS-ICS951403 Datasheet
646Kb / 18P
AMD-K7TM System Clock Chip
02/23/04
IDTCV137 RENESAS-IDTCV137 Datasheet
323Kb / 18P
PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MARCH 2005
IDTCV149 RENESAS-IDTCV149 Datasheet
595Kb / 18P
PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MAY 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com