Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950401 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS950401
Description  AMD - K8™ System Clock Chip
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS950401 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS950401 Datasheet HTML 6Page - Renesas Technology Corp ICS950401 Datasheet HTML 7Page - Renesas Technology Corp ICS950401 Datasheet HTML 8Page - Renesas Technology Corp ICS950401 Datasheet HTML 9Page - Renesas Technology Corp ICS950401 Datasheet HTML 10Page - Renesas Technology Corp ICS950401 Datasheet HTML 11Page - Renesas Technology Corp ICS950401 Datasheet HTML 12Page - Renesas Technology Corp ICS950401 Datasheet HTML 13Page - Renesas Technology Corp ICS950401 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
ICS950401
0499C—11/01/04
Electrical Characteristics - PCICLK, PCICLK33/HT66 (33MHz)
TA = 0 - 70º C; VDD = 3.3 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -12 mA
2.4
V
Output Low Voltage
VOL1
IOL = 9.0 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-15
mA
Output Low Current
IOL1
VOL = 0.8 V
10
mA
Rise Edge Rate
1
Measured from 20-60%
1
4
V/ns
Fall Edge Rate
1
Measured from 60-20%
1
4
V/ns
Duty Cycle
1
dt1
VT = 50%
45
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
Measured on rising edge @ 1.5V
250
ps
Jitter, Accumulated
1
-1000
1000
ps
Output Impedance
ZO
VO = VX
12
55
Ω
1
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - PCICLK33/HT66 (66MHz)
TA = 0 - 70º C; VDD = 3.3 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -12 mA
2.4
V
Output Low Voltage
VOL1
IOL = 9.0 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-15
mA
Output Low Current
IOL1
VOL = 0.8 V
10
mA
Rise Edge Rate
1
Measured from 20-60%
1
4
V/ns
Fall Edge Rate
1
Measured from 60-20%
1
4
V/ns
Duty Cycle
1
dt1
VT = 50%
45
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
Measured on rising edge @ 1.5V
250
ps
Jitter, Accumulated
1
-1000
1000
ps
Output Impedance
ZO
VO = VX
12
55
Ω
1
Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com