Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951403 Datasheet (PDF) - Renesas Technology Corp

ICS951403 Datasheet PDF - Renesas Technology Corp
Part # ICS951403
Download  ICS951403 Download
File Size   646.59 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AMD-K7TM System Clock Chip

ICS951403 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS951403 Datasheet PDF - Renesas Technology Corp

Part # ICS951403
Download  ICS951403 Click to download

File Size   646.59 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AMD-K7TM System Clock Chip

ICS951403 Datasheet (HTML) - Renesas Technology Corp


ICS951403 Product details

Output Features:
• 3 differential pair open drain CPU clocks (1.5V
external
pull-up; up to 150MHz achieviable through I2C)
• 2 - AGPCLK @ 3.3V
• 8 - PCI @3.3V, including 1 free running
• 1 - 48MHz @ 3.3V
• 1 - 24/48MHz @ 3.3V
• 2- REF @3.3V, 14.318MHz.
Features:
• Programmable ouput frequency
• Programmable ouput rise/fall time
• Programmable group skew
• Real time system reset output
• Spread spectrum for EMI control typically
by 7dB to 8dB,
with programmable spread percentage
• Watchdog timer technology to reset system
if over-clocking causes malfunction
• Uses external 14.318MHz crystal
• Asyncronous CPU and SDRAM clocks
• CPU and PCI outputs are aligned
• CPU - AGP skew <500ps




Similar Part No. - ICS951403

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS951403YFLF-T ICST-ICS951403YFLF-T Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS951403YGLF-T ICST-ICS951403YGLF-T Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
More results


Similar Description - ICS951403

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-110 ICST-ICS9248-110 Datasheet
152Kb / 14P
AMD-K7TM System Clock Chip
Rev C 01/08/01
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS9248-64 ICST-ICS9248-64 Datasheet
142Kb / 15P
AMD-K7TM System Clock Chip
Rev C 03/19/01
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
AMD - K8 System Clock Chip
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
AMD - K8??System Clock Chip
ICS94225 ICST-ICS94225 Datasheet
151Kb / 18P
AMD-K7TM System Clock Chip
ICS9248-171 ICST-ICS9248-171 Datasheet
213Kb / 15P
AMD - K7TM System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
AMD - K8 System Clock Chip
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com