Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951403 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS951403
Description  AMD-K7TM System Clock Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951403 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS951403 Datasheet HTML 1Page - Renesas Technology Corp ICS951403 Datasheet HTML 2Page - Renesas Technology Corp ICS951403 Datasheet HTML 3Page - Renesas Technology Corp ICS951403 Datasheet HTML 4Page - Renesas Technology Corp ICS951403 Datasheet HTML 5Page - Renesas Technology Corp ICS951403 Datasheet HTML 6Page - Renesas Technology Corp ICS951403 Datasheet HTML 7Page - Renesas Technology Corp ICS951403 Datasheet HTML 8Page - Renesas Technology Corp ICS951403 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
ICS951403
0486B—02/23/04
Pin Descriptions
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1
,
2
)
0
:
1
(
S
FN
ID
D
V
o
t
p
u
-
ll
u
p
s
a
h
,
s
n
i
p
t
c
e
l
e
S
y
c
n
e
u
q
e
r
F
)
0
:
1
(
F
E
RT
U
Ot
u
p
t
u
o
k
c
o
l
c
z
H
M
8
1
3
.
4
1
,
5
2
,
1
2
,
6
,
3
7
4
,
1
4
,
8
3
,
3
3
D
N
GR
W
Pd
n
u
o
r
G
41
XN
I
F
p
3
3
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
z
H
M
8
1
3
.
4
1
N
I
_
L
A
T
X
2
X
m
o
r
f
r
o
t
s
i
s
e
r
k
c
a
b
d
e
e
f
d
n
a
p
a
c
d
a
o
l
52
XT
U
OF
p
3
3
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
t
u
o
l
a
t
s
y
r
C
T
U
O
_
L
A
T
X
7F
_
K
L
C
I
C
PT
U
O
e
h
t
y
b
d
e
t
c
e
f
f
a
t
o
N
.
t
u
p
t
u
o
I
C
P
g
n
i
n
n
u
R
e
e
r
F
.
t
u
p
n
i
#
P
O
T
S
_
I
C
P
,
0
1
,
1
1
,
3
1
,
4
1
,
6
1
,
7
1
8
)
0
:
6
(
K
L
C
I
C
PT
U
OV
3
.
3
e
l
b
i
t
a
p
m
o
c
L
T
T
.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
5
1
,
9I
C
P
D
D
VR
W
PV
3
.
3
y
ll
a
n
i
m
o
n
,
s
t
u
p
t
u
o
K
L
C
I
C
P
r
o
f
r
e
w
o
P
8
1P
G
A
D
D
VR
W
PV
3
.
3
y
ll
a
n
i
m
o
n
,
s
t
u
p
t
u
o
P
G
A
r
o
f
r
e
w
o
P
9
1
,
0
2)
0
:
1
(
P
G
AT
U
O
e
b
t
o
n
y
a
m
e
s
e
h
T
.
I
C
P
X
2
s
a
d
e
n
i
f
e
d
s
t
u
p
t
u
o
P
G
A
.
d
e
p
p
o
t
s
4
3D
D
VR
W
PV
3
.
3
y
ll
a
n
i
m
o
n
,
e
r
o
c
r
o
f
r
e
w
o
p
d
e
t
a
l
o
s
I
2
28
4
D
D
VR
W
PV
3
.
3
y
ll
a
n
i
m
o
n
s
t
u
p
t
u
o
z
H
M
4
2
d
n
a
z
H
M
8
4
r
o
f
r
e
w
o
P
3
2z
H
M
8
4T
U
Ot
u
p
t
u
o
z
H
M
8
4
4
2
#
8
4
-
4
2
L
E
SN
I
4
2
n
i
p
r
o
f
t
u
p
t
u
o
z
H
M
8
4
r
o
4
2
s
t
c
e
l
e
S
z
H
M
4
2
=
h
g
i
H
z
H
M
8
4
=
w
o
L
z
H
M
8
4
-
4
2T
U
O#
8
4
-
4
2
L
E
S
h
g
u
o
r
h
t
e
l
b
a
t
c
e
l
e
s
t
u
o
k
c
o
l
c
d
e
x
i
F
6
2K
L
C
SN
II
f
o
n
i
p
k
c
o
l
C
2
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
7
2A
T
A
D
SO
/
II
r
o
f
n
i
p
a
t
a
D
2
t
n
a
r
e
l
o
t
V
5
y
r
t
i
u
c
r
i
c
C
8
22
S
FN
ID
D
V
o
t
p
u
-
ll
u
p
s
a
h
,
n
i
p
t
c
e
l
e
S
y
c
n
e
u
q
e
r
F
9
2#
D
A
E
R
P
SN
I
n
w
o
D
.
W
O
L
n
e
h
w
e
r
u
t
a
e
f
m
u
r
t
c
e
p
S
d
a
e
r
p
S
s
e
l
b
a
n
E
z
H
K
0
5
=
y
c
n
e
u
q
e
r
f
n
o
i
t
a
l
u
d
o
m
%
5
.
0
d
a
e
r
p
S
0
3#
D
PN
I
s
t
u
p
t
u
o
ll
a
&
L
L
P
l
a
n
r
e
t
n
I
.
w
o
l
e
v
i
t
c
a
,
p
i
h
c
n
w
o
d
s
r
e
w
o
P
.
d
e
l
b
a
s
i
d
e
r
a
1
3#
P
O
T
S
_
U
P
CN
I
s
a
r
e
h
w
W
O
L
n
e
v
i
r
d
s
i
T
K
L
C
U
P
C
.
s
K
L
C
U
P
C
s
t
l
a
H
d
e
t
r
e
s
s
a
s
i
n
i
p
s
i
h
t
n
e
h
w
H
G
I
H
n
e
v
i
r
d
s
i
C
K
L
C
U
P
C
.
)
W
O
L
e
v
i
t
c
A
(
2
3#
P
O
T
S
_
I
C
PN
I
.
w
o
l
n
e
v
i
r
d
n
e
h
w
l
e
v
e
l
"
0
"
c
i
g
o
l
t
a
s
u
B
I
C
P
s
t
l
a
H
n
i
p
s
i
h
t
y
b
d
e
t
c
e
f
f
a
t
o
n
s
i
F
_
K
L
C
I
C
P
5
3
#
T
E
S
E
RT
U
O
r
e
m
t
g
o
d
h
c
t
a
w
r
o
f
l
a
n
g
i
s
t
e
s
e
r
m
e
t
s
y
s
e
m
i
t
l
a
e
R
.
w
o
l
e
v
i
t
c
a
s
i
l
a
n
g
i
s
s
i
h
T
.
t
u
o
e
m
i
t
6
4T
U
O
_
M
A
R
D
ST
U
Or
e
f
f
u
b
y
a
l
e
d
o
r
e
z
M
A
R
D
S
r
o
f
k
c
o
l
c
e
c
n
e
r
e
f
e
R
4
4D
E
V
R
E
S
E
RC
/
Nli
a
r
r
e
w
o
p
U
P
C
e
r
u
t
u
F
6
3
,
9
3
,
2
4)
0
:
2
(
T
K
L
C
U
P
CT
U
O
n
e
p
o
e
s
e
h
T
.
s
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
e
u
r
T
"
.
p
u
-
ll
u
p
V
5
.
1
l
a
n
r
e
t
x
e
n
a
d
e
e
n
s
t
u
p
t
u
o
n
i
a
r
d
7
3
,
0
4
,
3
4)
0
:
2
(
C
K
L
C
U
P
CT
U
O
.
t
u
p
t
u
o
U
P
C
r
i
a
p
l
a
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
.
p
u
_
ll
u
p
V
5
.
1
l
a
n
r
e
t
x
e
n
a
d
e
e
n
s
t
u
p
t
u
o
n
i
a
r
d
n
e
p
o
e
s
e
h
T
5
4D
S
D
D
VR
W
PV
3
.
3
y
ll
a
n
i
m
r
o
N
.
n
i
p
T
U
O
_
M
A
R
D
S
r
o
f
r
e
w
o
P
8
4F
E
R
D
D
VR
W
PV
3
.
3
y
ll
a
n
i
m
o
n
,
2
X
,
1
X
,
F
E
R
r
o
f
r
e
w
o
P
General Description
The ICS951403 is a main clock synthesizer chip for AMD-K7 based systems with ATI chipset. This provides all clocks
required for such a system.
The ICS951403 belongs to ICS new generation of programmable system clock generators.
It employs serial
programming I
2C interface as a vehicle for changing output functions, changing output frequency, configuring output
strength, configuring output to output skew, changing spread spectrum amount, changing group divider ratio and dis/
enabling individual clocks.
This device also has ICS propriety 'Watchdog Timer' technology which will reset the
frequency to a safe setting if the system become unstable from over clocking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com