Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS951403 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS951403
Description  AMD-K7TM System Clock Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951403 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS951403 Datasheet HTML 4Page - Renesas Technology Corp ICS951403 Datasheet HTML 5Page - Renesas Technology Corp ICS951403 Datasheet HTML 6Page - Renesas Technology Corp ICS951403 Datasheet HTML 7Page - Renesas Technology Corp ICS951403 Datasheet HTML 8Page - Renesas Technology Corp ICS951403 Datasheet HTML 9Page - Renesas Technology Corp ICS951403 Datasheet HTML 10Page - Renesas Technology Corp ICS951403 Datasheet HTML 11Page - Renesas Technology Corp ICS951403 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
ICS951403
0486B—02/23/04
Electrical Characteristics - REF
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High
Voltage
VOH5
IOH = -18mA
2.4
V
Output Low Voltage
VOL5
IOL = 18mA
0.4
V
Output High Current
IOH5
V OH = 2.0 V,
-19
mA
Output Low Current
IOL5
VOL = 0.8V
19
mA
Rise Time
tr5
VOL = 0.4 V, VOH = 2.4 V
0.85
4
ns
Fall Time
tf5
VOH = 2.4 V, VOL = 0.4 V
1.03
4
ns
Duty Cycle
dt1
1
VT = 50%
45
54
55
%
Jitter
tjcyc-cyc5
VT = 1.5 V
521
1000
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - CPU (Open Drain)
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 2pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
Zo
VO = Vx
Ω
Output High
Voltage
VOH2B
Termination to Vpull_up (external)
1
1.2
V
Output Low
Voltage
VOL2B
Termination to Vpull_up (external)
0.4
Output Low
Current
IOL2B
VOL = 0.3V
18
mA
Fall Time
tf2B
VOH = 1.2V VOL = 0.3V
0.8
0.9
ps
Differential
voltage_AC
VDIF
Note 2
Vtpullup
(external)+0
.6
ps
Differential
voltage_DC
VDIF
Note 2
Vtpullup
(external)+0
.6
ps
Differential
Crossover Voltage
VX
True rise to compl. Fall
1.37
1.5
V
Duty Cycle
dt2B
VT = 50%
45
49.3
55
%
Skew
tsk2B
VT = 50%
48
200
ps
Jitter, Cycle to cycle
tjcyc-cyc
1
VT = Vx
130
250
ps
1Guaranteed by design, not 100% tested in production.
2 V
DIF specifies the minimum input differential voltages (VTR-VCP) required for switching, where VTR is the "true"
input level and VCP is the "complement" input level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com