Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS31 Datasheet (PDF) - Nexperia B.V. All rights reserved

BAS31 Datasheet PDF - Nexperia B.V. All rights reserved
Part # BAS31
Download  BAS31 Download
File Size   331.61 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description General purpose controlled avalanche (double) diodes

BAS31 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS31 Datasheet PDF - Nexperia B.V. All rights reserved

Part # BAS31
Download  BAS31 Click to download

File Size   331.61 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description General purpose controlled avalanche (double) diodes

BAS31 Datasheet (HTML) - Nexperia B.V. All rights reserved


BAS31 Product details

FEATURES
•Small plastic SMD package
•Switching speed: max. 50 ns
•General application
•Continuous reverse voltage: max. 90 V
•Repetitive peak reverse voltage: max. 110 V
•Repetitive peak forward current: max. 600 mA
•Repetitive peak reverse current: max. 600 mA.




Similar Part No. - BAS31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS31 PHILIPS-BAS31 Datasheet
90Kb / 12P
General purpose controlled avalanche double diodes
1999 May 21
logo
Transys Electronics
BAS31 TRSYS-BAS31 Datasheet
161Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Jinan Gude Electronic D...
BAS31 JGD-BAS31 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
BAS31 FAIRCHILD-BAS31 Datasheet
34Kb / 2P
High Voltage General Purpose Diode
logo
TRANSYS Electronics Lim...
BAS31 TEL-BAS31 Datasheet
53Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
More results


Similar Description - BAS31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS29 PHILIPS-BAS29 Datasheet
90Kb / 12P
General purpose controlled avalanche double diodes
1999 May 21
BYD17 PHILIPS-BYD17 Datasheet
54Kb / 8P
General purpose controlled avalanche rectifiers
1999 Nov 11
logo
Guangdong Kexin Industr...
KAS29 KEXIN-KAS29 Datasheet
79Kb / 4P
General Purpose Controlled Avalanche Diodes
logo
NXP Semiconductors
BAS29 NXP-BAS29 Datasheet
138Kb / 9P
General purpose controlled avalanche (double) diodes
2003 Mar 20
logo
EIC discrete Semiconduc...
BAX12 EIC-BAX12 Datasheet
116Kb / 2P
CONTROLLED AVALANCHE DIODES
BYD17D EIC-BYD17D Datasheet
117Kb / 2P
GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
BYD17DA EIC-BYD17DA Datasheet
108Kb / 2P
GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
logo
NXP Semiconductors
BAS29_31_35 PHILIPS-BAS29_31_35_15 Datasheet
138Kb / 9P
General purpose controlled avalanche (double) diodes
2003 Mar 20
logo
SUNMATE electronic Co.,...
BAX12A SUNMATE-BAX12A Datasheet
485Kb / 2P
CONTROLLED AVALANCHE DIODES
logo
EIC discrete Semiconduc...
BYM56A EIC-BYM56A Datasheet
177Kb / 2P
CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com