Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M13252DM Datasheet (PDF) - MTRONPTI

M13252DM Datasheet PDF - MTRONPTI
Part # M13252DM
Download  M13252DM Download
File Size   254.43 Kbytes
Page   1 Pages
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI
Description Surface Mount Crystal 3.2 x 5 x 0.8 mm

M13252DM Datasheet (PDF)

Go To PDF Page Download Datasheet
M13252DM Datasheet PDF - MTRONPTI

Part # M13252DM
Download  M13252DM Click to download

File Size   254.43 Kbytes
Page   1 Pages
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI
Description Surface Mount Crystal 3.2 x 5 x 0.8 mm

M13252DM Datasheet (HTML) - MTRONPTI




Similar Part No. - M13252DM

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M13252DM MTRONPTI-M13252DM Datasheet
266Kb / 2P
Surface Mount Crystal
M13252DMS MTRONPTI-M13252DMS Datasheet
266Kb / 2P
Surface Mount Crystal
M13252DMXX MTRONPTI-M13252DMXX Datasheet
266Kb / 2P
Surface Mount Crystal
More results


Similar Description - M13252DM

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1253 MTRONPTI-M1253 Datasheet
253Kb / 1P
Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
logo
Abracon Corporation
ASEK ABRACON-ASEK Datasheet
709Kb / 2P
3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
logo
Connor-Winfield Corpora...
CS-018 CONNOR-WINFIELD-CS-018 Datasheet
107Kb / 2P
3.2 x 2.5mm SURFACE MOUNT CRYSTAL UNIT
logo
Abracon Corporation
ASEK-1 ABRACON-ASEK-1 Datasheet
772Kb / 2P
3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
logo
Kingbright Corporation
APGF0808VGTPBTSEETC KINGBRIGHT-APGF0808VGTPBTSEETC Datasheet
328Kb / 4P
0.8 x 0.8 x 0.2 mm Full-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APGF0808VGTPBTSEETC TO-GRACE-APGF0808VGTPBTSEETC Datasheet
1Mb / 4P
0.8 x 0.8 x 0.2 mm Full-Color Surface Mount LED
logo
TAITIEN ELECTRONICS CO....
AT-0002-XX TAITIEN-AT-0002-XX Datasheet
244Kb / 1P
3.2 x 2.5 mm SMD Crystal
logo
EHAOAN.
EH-C151KGKT EHAOAN-EH-C151KGKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C151TBKT-5A EHAOAN-EH-C151TBKT-5A Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C151TGKT-5A EHAOAN-EH-C151TGKT-5A Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com