Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEK Datasheet (PDF) - Abracon Corporation

ASEK Datasheet PDF - Abracon Corporation
Part # ASEK
Download  ASEK Download
File Size   709.7 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR

ASEK Datasheet (PDF)

Go To PDF Page Download Datasheet
ASEK Datasheet PDF - Abracon Corporation

Part # ASEK
Download  ASEK Click to download

File Size   709.7 Kbytes
Page   2 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR

ASEK Datasheet (HTML) - Abracon Corporation


ASEK Product details

FEATURES:
• 32.768kHz in 3.2 x 2.5 package
• Seam sealed assure high reliability performance
• Low current consumption
• IR-Reflow capable
• Extend temperature range available

APPLICATIONS:
• Laptop
• Digital camera
• Wireless LAN
• Bluetooth and mobile communication
• LCD
• PDA and MP3 player
• Electricity, gas and water metering




Similar Part No. - ASEK

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEK-1 ABRACON-ASEK-1 Datasheet
772Kb / 2P
3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
ASEKDVAIG ABRACON-ASEKDVAIG Datasheet
489Kb / 5P
Automotive & Industrial Grade 32.768kHz Continuous Voltage SMD Crystal XO
06-30-22
ASEKDVAIG-32.768KHZ-KC-T3 ABRACON-ASEKDVAIG-32.768KHZ-KC-T3 Datasheet
489Kb / 5P
Automotive & Industrial Grade 32.768kHz Continuous Voltage SMD Crystal XO
06-30-22
ASEKDVAIG-32.768KHZ-KQ-T3 ABRACON-ASEKDVAIG-32.768KHZ-KQ-T3 Datasheet
489Kb / 5P
Automotive & Industrial Grade 32.768kHz Continuous Voltage SMD Crystal XO
06-30-22
ASEKDVAIG-32.768KHZ-LC-T3 ABRACON-ASEKDVAIG-32.768KHZ-LC-T3 Datasheet
489Kb / 5P
Automotive & Industrial Grade 32.768kHz Continuous Voltage SMD Crystal XO
06-30-22
More results


Similar Description - ASEK

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1253 MTRONPTI-M1253 Datasheet
253Kb / 1P
Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
logo
Abracon Corporation
ASDK ABRACON-ASDK Datasheet
707Kb / 2P
2.5 x 2.0 x 0.95 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
ASEK-1 ABRACON-ASEK-1 Datasheet
772Kb / 2P
3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
logo
ILSI America LLC
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
logo
MTRONPTI
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
logo
TAITIEN ELECTRONICS CO....
XO-0141-OA-TYPE TAITIEN-XO-0141-OA-TYPE Datasheet
432Kb / 1P
3.2 x 2.5 mm SMD LVPECL/LVDS Crystal Oscillator
XO-0071-PX-TYPE TAITIEN-XO-0071-PX-TYPE Datasheet
377Kb / 1P
3.2 x 2.5 mm SMD Crystal Oscillator
XO-0072-OX-TYPE TAITIEN-XO-0072-OX-TYPE Datasheet
341Kb / 1P
3.2 x 2.5 mm SMD Crystal Oscillator
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
AT-0002-XX TAITIEN-AT-0002-XX Datasheet
244Kb / 1P
3.2 x 2.5 mm SMD Crystal
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com