Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEK Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASEK
Description  3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEK Datasheet(HTML) 1 Page - Abracon Corporation

  ASEK Datasheet HTML 1Page - Abracon Corporation ASEK Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
| | | | | | | | | | | | | | |
ASEK Series
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ISO 9001 / QS 9000
CERTIFIED
ISO 9001 / QS 9000
CERTIFIED
STANDARD SPECIFICATIONS:
ABRACON IS
ABRACON IS
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 03.03.09
Visit www.abracon.com for Terms & Conditions of Sale
• 32.768kHz in 3.2 x 2.5 package
• Seam sealed assure high reliability performance
• Low current consumption
• IR-Reflow capable
• Extend temperature range available
• Laptop
• Digital camera
• Wireless LAN
• Bluetooth and
mobile communication
PARAMETERS
Frequency
ABRACON P/N
ASEK Series
Operating Temperature
Storage Temperature
- 55°C to + 125°C
0°C to + 70°C (see options)
32.768kHz
Overall frequency stability:
±100 ppm max. (see options)
Supply voltage (Vdd):
3.3 Vdc ± 10% (see options)
Supply current:
0.8mA typical, 1.5mA max.(Vdd= 1.8V±5%)
1.2mA typical, 2.5mA max.(Vdd= 2.5V±5%)
1.7mA typical, 3.5mA max.(Vdd= 3.3V±10%)
Symmetry:
40/60 % max.@ 1/2Vdd (see options)
Rise and fall time (Tr/Tf):
40ns typical, 50 ns max
Output load:
F
p
5
1
Output voltage:
VOH = 0.9 * Vdd min.
VOL = 0.1 * Vdd max
Start-up time:
24ms typical, 28ms max
Tri-state function :
Logic "1" or open: Oscillation
Logic "0" (VIL < 0.8 Vdc) : Hi z
Aging at 25°C :
± 3ppm/year
Blank
3.3V±10%
E
-20°C to +70°C
1
2.5V±5%
F
-30°C to +70°C
2
1.8V±5%
N
-30°C to +85°C
L
-40°C to +85°C
*Contact ABRACON for extended.
temperature range.
J
±20ppm(*)
R
±25ppm
K
±30ppm
C
±50ppm
* For E, F, N and 0° C to + 70° C only
Freq. Stability
Symmetry
Tape and
Reel
T
S
45/55% max
at 1/2Vdd
ASEK- - 32.768kHz - - - -
Operating Temp.
Packaging
Supply Voltage
3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC
SURFACE MOUNT CRYSTAL OSCILLATOR
OPTIONS AND PART IDENTIFICATION (Left blank if standard)
3.2 x 2.5 x 1.2 mm
• LCD
• PDA and MP3 player
• Electricity, gas and
water metering


Similar Part No. - ASEK

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASEK-1 ABRACON-ASEK-1 Datasheet
772Kb / 2P
3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
ASEKDVAIG ABRACON-ASEKDVAIG Datasheet
489Kb / 5P
Automotive & Industrial Grade 32.768kHz Continuous Voltage SMD Crystal XO
06-30-22
ASEKDVAIG-32.768KHZ-KC-T3 ABRACON-ASEKDVAIG-32.768KHZ-KC-T3 Datasheet
489Kb / 5P
Automotive & Industrial Grade 32.768kHz Continuous Voltage SMD Crystal XO
06-30-22
ASEKDVAIG-32.768KHZ-KQ-T3 ABRACON-ASEKDVAIG-32.768KHZ-KQ-T3 Datasheet
489Kb / 5P
Automotive & Industrial Grade 32.768kHz Continuous Voltage SMD Crystal XO
06-30-22
ASEKDVAIG-32.768KHZ-LC-T3 ABRACON-ASEKDVAIG-32.768KHZ-LC-T3 Datasheet
489Kb / 5P
Automotive & Industrial Grade 32.768kHz Continuous Voltage SMD Crystal XO
06-30-22
More results

Similar Description - ASEK

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1253 MTRONPTI-M1253 Datasheet
253Kb / 1P
Surface Mount Crystal 2.5 x 3.2 x 0.65 mm
logo
Abracon Corporation
ASDK ABRACON-ASDK Datasheet
707Kb / 2P
2.5 x 2.0 x 0.95 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
ASEK-1 ABRACON-ASEK-1 Datasheet
772Kb / 2P
3.2 x 2.5 x 1.2 mm 32.768kHz CERAMIC SURFACE MOUNT CRYSTAL OSCILLATOR
03.03.09
logo
ILSI America LLC
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
logo
MTRONPTI
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
logo
TAITIEN ELECTRONICS CO....
XO-0141-OA-TYPE TAITIEN-XO-0141-OA-TYPE Datasheet
432Kb / 1P
3.2 x 2.5 mm SMD LVPECL/LVDS Crystal Oscillator
XO-0071-PX-TYPE TAITIEN-XO-0071-PX-TYPE Datasheet
377Kb / 1P
3.2 x 2.5 mm SMD Crystal Oscillator
XO-0072-OX-TYPE TAITIEN-XO-0072-OX-TYPE Datasheet
341Kb / 1P
3.2 x 2.5 mm SMD Crystal Oscillator
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
AT-0002-XX TAITIEN-AT-0002-XX Datasheet
244Kb / 1P
3.2 x 2.5 mm SMD Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com