Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

181M-03LFT Datasheet (PDF) - Renesas Technology Corp

181M-03LFT Datasheet PDF - Renesas Technology Corp
Part # 181M-03LFT
Download  181M-03LFT Download
File Size   312.35 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW EMI CLOCK GENERATOR

181M-03LFT Datasheet (PDF)

Go To PDF Page Download Datasheet
181M-03LFT Datasheet PDF - Renesas Technology Corp

Part # 181M-03LFT
Download  181M-03LFT Click to download

File Size   312.35 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW EMI CLOCK GENERATOR

181M-03LFT Datasheet (HTML) - Renesas Technology Corp


181M-03LFT Product details

Features
• Pin and function compatible to Cypress W181-03
• Packaged in 8-pin SOIC
• Provides a spread spectrum output clock
• Accepts a clock input and provides same frequency
dithered output
• Input frequency of 46 to 75 MHz for Clock input
• Peak reduction by 7dB - 14dB typical on 3rd - 19th
odd harmonics
• Spread percentage selection for -1.25% and -3.75%
• Operating voltage of 3.3 V and 5 V
• Advanced, low-power CMOS process




Similar Part No. - 181M-03LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
181M-01 ICST-181M-01 Datasheet
103Kb / 7P
Low EMI Clock Generator
Revision 050405
logo
Renesas Technology Corp
181M-01LF RENESAS-181M-01LF Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
181M-01LFT RENESAS-181M-01LFT Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
181M-02 ICST-181M-02 Datasheet
99Kb / 6P
Low EMI Clock Generator
Revision 110404
logo
Renesas Technology Corp
181M-02LF RENESAS-181M-02LF Datasheet
290Kb / 8P
LOW EMI CLOCK GENERATOR
051310
More results


Similar Description - 181M-03LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
Revision 091205
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
Low EMI Clock Generator
Revision 102804
ICS181-51 ICST-ICS181-51 Datasheet
90Kb / 6P
Low EMI Clock Generator
Revision 110404
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
Low EMI Clock Generator
Revision 050405
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
Low EMI Clock Generator
Revision 110404
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
LOW EMI CLOCK GENERATOR
031109
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
LOW EMI CLOCK GENERATOR
051310
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
LOW EMI CLOCK GENERATOR
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com