Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

672M-01LF Datasheet (PDF) - Renesas Technology Corp

672M-01LF Datasheet PDF - Renesas Technology Corp
Part # 672M-01LF
Download  672M-01LF Download
File Size   260.76 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUADRACLOCK QUADRATURE DELAY BUFFER

672M-01LF Datasheet (PDF)

Go To PDF Page Download Datasheet
672M-01LF Datasheet PDF - Renesas Technology Corp

Part # 672M-01LF
Download  672M-01LF Click to download

File Size   260.76 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description QUADRACLOCK QUADRATURE DELAY BUFFER

672M-01LF Datasheet (HTML) - Renesas Technology Corp


672M-01LF Product details

Features
• Packaged in 16-pin SOIC
• Pb (lead) free package, RoHS compliant
• Input clock range from 5 MHz to 150 MHz (depends on
multiplier)
• Clock outputs from up to 84 MHz (ICS672-01) and up to
135 MHz (ICS672-02)
• Zero input-output delay
• Integrated x0.5, x1, x2, x3, x4, x5, or x6 selections
• Four accurate (<250 ps) outputs with 0°, 90°, 180°, and
270° phase shift from ICLK, and one FBCLK (0°)
• Separate supply for output clocks from 2.5 V to 5 V
• Full CMOS outputs (TTL compatible)
• Tri-state mode for board-level testing
• Includes Power-down for power savings
• Advanced, low power, sub-micron CMOS process
• 3.3 V to 5 V operating voltage
• Industrial temperature version available




Similar Part No. - 672M-01LF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
672 LITTELFUSE-672 Datasheet
43Kb / 1P
Axial Lead and Cartridge Fuses - Glass Body
logo
Marl International Limi...
672 MARL-672 Datasheet
401Kb / 4P
횠25.4mm mounting Black anodised aluminium housing
logo
List of Unclassifed Man...
672-1175M ETC-672-1175M Datasheet
276Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
Oscilent Corporation
672-12.0M-33-03 OSCILENT-672-12.0M-33-03 Datasheet
141Kb / 3P
SMD Resonator
672-12.0M-33-03-N-TR OSCILENT-672-12.0M-33-03-N-TR Datasheet
139Kb / 3P
SMD Resonator
More results


Similar Description - 672M-01LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS672-01 ICST-ICS672-01 Datasheet
73Kb / 5P
QuadraClock??Quadrature Delay Buffer
Revision 112200
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308 Datasheet
203Kb / 14P
3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
Zero-Delay Clock Buffer
PI6C2308 PERICOM-PI6C2308 Datasheet
506Kb / 10P
3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_07 Datasheet
367Kb / 15P
3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_07 Datasheet
264Kb / 10P
3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2304A PULSECORE-ASM5P2304A Datasheet
371Kb / 14P
3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_09 Datasheet
285Kb / 9P
3.3V Zero Delay Buffer
CY2308 CYPRESS-CY2308_09 Datasheet
377Kb / 15P
3.3V Zero Delay Buffer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com