Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS672-01 Datasheet (PDF) - Integrated Circuit Systems

ICS672-01 Datasheet PDF - Integrated Circuit Systems
Part # ICS672-01
Download  ICS672-01 Download
File Size   73.76 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description QuadraClock??Quadrature Delay Buffer

ICS672-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS672-01 Datasheet PDF - Integrated Circuit Systems

Part # ICS672-01
Download  ICS672-01 Click to download

File Size   73.76 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description QuadraClock??Quadrature Delay Buffer

ICS672-01 Datasheet (HTML) - Integrated Circuit Systems


ICS672-01 Product details

Description
The ICS672-01 and ICS672-02 are zero delay buffers that generate four output clocks whose phases are spaced at 90° intervals. Based on ICS’ proprietary low jitter Phase Locked Loop (PLL) techniques, each device provides five low skew outputs, with clock rates up to 84 MHz for the ICS672-01 and up to 135 MHz for the ICS672-02. By providing outputs delayed one quarter clock cycle, the device is useful for systems requiring early or late clocks.

Features
• Packaged in 16 pin narrow SOIC
• Input clock range from 10 MHz to 150 MHz
• Clock outputs from up to 84 MHz (ICS672-01)
   and up to 135 MHz (ICS672-02)
• Zero input-output delay
• Integrated x0.5, x1, x2, x3, x4, x5, or x6 selections
• Four accurate (<250 ps) outputs with 0°, 90°,
   180°, and 270° phase shift from ICLK, and one
   FBCLK (0°)
• Separate supply for output clocks from 2.5V to 5V
• Full CMOS outputs (TTL compatible)
• Tri state mode for board-level testing
• Includes Power Down for power savings
• Advanced, low power, sub-micron CMOS process
• 3.3 V to 5 V operating voltage
• Industrial temperature version available




Similar Part No. - ICS672-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS672-01 RENESAS-ICS672-01 Datasheet
260Kb / 8P
QUADRACLOCK QUADRATURE DELAY BUFFER
REV L 051310
More results


Similar Description - ICS672-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308 Datasheet
203Kb / 14P
3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
Zero-Delay Clock Buffer
PI6C2308 PERICOM-PI6C2308 Datasheet
506Kb / 10P
3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_07 Datasheet
367Kb / 15P
3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_07 Datasheet
264Kb / 10P
3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2304A PULSECORE-ASM5P2304A Datasheet
371Kb / 14P
3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_09 Datasheet
285Kb / 9P
3.3V Zero Delay Buffer
CY2308 CYPRESS-CY2308_09 Datasheet
377Kb / 15P
3.3V Zero Delay Buffer
logo
Renesas Technology Corp
ICS672-01 RENESAS-ICS672-01 Datasheet
260Kb / 8P
QUADRACLOCK QUADRATURE DELAY BUFFER
REV L 051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com