Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS672-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS672-01
Description  QuadraClock??Quadrature Delay Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS672-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS672-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ICS672-01/02
QuadraClock™ Quadrature Delay Buffer
MDS 672-01/02 C
2
Revision 112200
Integrated Circuit Systems, Inc.• 525 Race Street • San Jose •CA•95126• (408) 295-9800 tel • www.icst.com
Pin Descriptions
Key: I = Input; O = output; P = power supply connection.
Pin Assignment
ICS672-01/02
External Components
The ICS672-01/01 requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.01µF should be connected between VDD and GND on pins 11 and 12, VDD and GND
on pins 13 and 12, and VDDIO and GND on pins 5 and 6, as close to the device as possible. A series
termination resistor of 33
Ω may be used close to each clock output pin to reduce reflections.
16
15
14
13
16 pin narrow (150 mil) SOIC
12
11
10
9
1
2
3
4
5
6
7
8
CLK90
VDDIO
FBIN
ICLK
CLK270
S0
GND
GND
VDD
GND
S2
S1
VDD
FBCLK
CLK0
CLK180
Number
Name
Type
Description
1
ICLK
I
Clock Input.
2
CLK90
O
Clock Output (90° delayed from CLK0).
3
CLK180
O
Clock Output (180° delayed from CLK0).
4
CLK270
O
Clock Output (270° delayed from CLK0).
5
VDDIO
P
Supply voltage for input and output clocks. Must not exceed VDD.
6, 7, 12
GND
P
Connect to ground.
8
S0
I
Select input 0. See table above.
9
S1
I
Select input 1. See table above.
10
S2
I
Select input 2. See table above.
11, 13
VDD
P
Connect to +3.3 V or +5.0 V.
14
CLK0
O
Clock Output phase aligned to ICLK.
15
FBCLK
O
Feedback Clock Output (0° phase shift from CLK0).
16
FBIN
I
Feedback Clock Input. In normal operation, connect to FBCLK
S2
S1
S0
Output Clocks
0
0
0
Power Down + Tri State
0
0
1
x1
0
1
0
x2
0
1
1
x3
1
0
0
x4
1
0
1
x5
1
1
0
x6
1
1
1
x0.5
Output Clock Mode Select Table



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com