Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS672-01 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS672-01
Description  QuadraClock??Quadrature Delay Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS672-01 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS672-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ICS672-01/02
QuadraClock™ Quadrature Delay Buffer
MDS 672-01/02 C
3
Revision 112200
Integrated Circuit Systems, Inc.• 525 Race Street • San Jose •CA•95126• (408) 295-9800 tel • www.icst.com
Operation and Applications
The ICS672-01/02 each provide a total of five output clocks with multiple phase shifts relative to the input
clock (ICLK). Phase shifts of 0° (CLK0), 90° (CLK90), 180° (CLK180), and 270° (CLK270) are provided,
plus one feedback clock (FBCLK). All output clocks will be a multiple of the input clock, as determined by
the table on page 2.
Refer to the illustrations in Figure 1 and Figure 2.
FBCLK is connected to the feedback input (FBIN) to provide a zero delay through the ICS672-01/02.
FBCLK has a 0° phase shift from ICLK.
Figure 1. Phase alignment of input and output clocks. (x1 multiplier)
CLK90
CLK180
CLK0,
FBCLK
CLK270
ICLK
Figure 2. Phase alignment of input and output clocks. (x2 multiplier)
CLK90
CLK180
CLK0,
FBCLK
CLK270
ICLK



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com