Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS672-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS672-01
Description  QuadraClock??Quadrature Delay Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS672-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS672-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS672-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICS672-01/02
QuadraClock™ Quadrature Delay Buffer
MDS 672-01/02 C
1
Revision 112200
Integrated Circuit Systems, Inc.• 525 Race Street • San Jose •CA•95126• (408) 295-9800 tel • www.icst.com
Block Diagram
Description
Features
The ICS672-01 and ICS672-02 are zero delay
buffers that generate four output clocks whose
phases are spaced at 90° intervals. Based on ICS’
proprietary low jitter Phase Locked Loop (PLL)
techniques, each device provides five low skew
outputs, with clock rates up to 84 MHz for the
ICS672-01 and up to 135 MHz for the
ICS672-02. By providing outputs delayed one
quarter clock cycle, the device is useful for systems
requiring early or late clocks.
The ICS672-01/02 include multiplier selections of
x0.5, x1, x2, x3, x4, x5, or x6. They also offer a
mode to power down all internal circuitry and tri
state the outputs. In normal operation, output
clock FBCLK is tied to the FBIN pin.
ICS manufactures the largest variety of clock
generators and buffers, and is the largest clock
supplier in the world.
• Packaged in 16 pin narrow SOIC
• Input clock range from 10 MHz to 150 MHz
• Clock outputs from up to 84 MHz (ICS672-01)
and up to 135 MHz (ICS672-02)
• Zero input-output delay
• Integrated x0.5, x1, x2, x3, x4, x5, or x6 selections
• Four accurate (<250 ps) outputs with 0°, 90°,
180°, and 270° phase shift from ICLK, and one
FBCLK (0°)
• Separate supply for output clocks from 2.5V to 5V
• Full CMOS outputs (TTL compatible)
• Tri state mode for board-level testing
• Includes Power Down for power savings
• Advanced, low power, sub-micron CMOS process
• 3.3 V to 5 V operating voltage
• Industrial temperature version available
PLL
Multiplier
and
Quadrature
Generation
FBIN
S2:S0
3
CLK0
CLK90
CLK180
CLK270
CLKFB
Control
Logic
IN
GND
VDDIO
VDD
2
3
Power Down + Tri-State
External Feedback


Similar Part No. - ICS672-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS672-01 RENESAS-ICS672-01 Datasheet
260Kb / 8P
QUADRACLOCK QUADRATURE DELAY BUFFER
REV L 051310
More results

Similar Description - ICS672-01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308 Datasheet
203Kb / 14P
3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
Zero-Delay Clock Buffer
PI6C2308 PERICOM-PI6C2308 Datasheet
506Kb / 10P
3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_07 Datasheet
367Kb / 15P
3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_07 Datasheet
264Kb / 10P
3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2304A PULSECORE-ASM5P2304A Datasheet
371Kb / 14P
3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_09 Datasheet
285Kb / 9P
3.3V Zero Delay Buffer
CY2308 CYPRESS-CY2308_09 Datasheet
377Kb / 15P
3.3V Zero Delay Buffer
logo
Renesas Technology Corp
ICS672-01 RENESAS-ICS672-01 Datasheet
260Kb / 8P
QUADRACLOCK QUADRATURE DELAY BUFFER
REV L 051310
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com