Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR53 Datasheet (PDF) - NXP Semiconductors

BFR53 Datasheet PDF - NXP Semiconductors
Part # BFR53
Download  BFR53 Download
File Size   89.94 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 2 GHz wideband transistor

BFR53 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR53 Datasheet PDF - NXP Semiconductors

Part # BFR53
Download  BFR53 Click to download

File Size   89.94 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 2 GHz wideband transistor

BFR53 Datasheet (HTML) - NXP Semiconductors


BFR53 Product details

DESCRIPTION
NPN wideband transistor in a plastic SOT23 package.

FEATURES
• Very low intermodulation distortion
• Very high power gain.

APPLICATIONS
• Thick and thin-film circuits.




Similar Part No. - BFR53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR505 PHILIPS-BFR505 Datasheet
120Kb / 12P
NPN 9 GHz wideband transistor
September 1995
BFR505 NXP-BFR505 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFR505T PHILIPS-BFR505T Datasheet
103Kb / 16P
NPN 9 GHz wideband transistor
2000 Mar 14
BFR505T NXP-BFR505T Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BFR505T JMNIC-BFR505T_15 Datasheet
116Kb / 16P
NPN 9 GHz wideband transistor
More results


Similar Description - BFR53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BFG16A PHILIPS-BFG16A Datasheet
71Kb / 8P
NPN 2 GHz wideband transistor
1995 Sep 12
BFT25 PHILIPS-BFT25 Datasheet
60Kb / 8P
NPN 2 GHz wideband transistor
November 1992
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
logo
New Jersey Semi-Conduct...
BF689K NJSEMI-BF689K Datasheet
89Kb / 2P
NPN 2 GHz wideband transistor
BF763 NJSEMI-BF763 Datasheet
76Kb / 2P
NPN 2 GHz wideband transistor
logo
Quanzhou Jinmei Electro...
BFT25_2015 JMNIC-BFT25_2015 Datasheet
57Kb / 8P
NPN 2 GHz wideband transistor
logo
NXP Semiconductors
BFT25_CNV PHILIPS-BFT25_CNV_15 Datasheet
221Kb / 10P
NPN 2 GHz wideband transistor
November 1992
logo
Quanzhou Jinmei Electro...
BFT25 JMNIC-BFT25_15 Datasheet
57Kb / 8P
NPN 2 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com