Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFT25 Datasheet (PDF) - NXP Semiconductors

BFT25 Datasheet PDF - NXP Semiconductors
Part # BFT25
Download  BFT25 Download
File Size   60.99 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 2 GHz wideband transistor

BFT25 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFT25 Datasheet PDF - NXP Semiconductors

Part # BFT25
Download  BFT25 Click to download

File Size   60.99 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 2 GHz wideband transistor

BFT25 Datasheet (HTML) - NXP Semiconductors


BFT25 Product details

DESCRIPTION
NPN transistor in a plastic SOT23 envelope.
It is primarily intended for use in RF low power amplifiers, such as in pocket phones, paging systems, etc. The transistor features low current consumption (100 µA to 1 mA); due to its high transition frequency, it also has excellent wideband properties and low noise up to high frequencies.




Similar Part No. - BFT25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT25 NXP-BFT25 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
NPN 5 GHz wideband transistor
December 1997
BFT25A NXP-BFT25A Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFT25A NXP-BFT25A_04 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
Rev. 04-6 July 2004
BFT25A PHILIPS-BFT25A_15 Datasheet
146Kb / 15P
NPN 5 GHz wideband transistor
Rev. 5-12 September 2011
More results


Similar Description - BFT25

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BFG16A PHILIPS-BFG16A Datasheet
71Kb / 8P
NPN 2 GHz wideband transistor
1995 Sep 12
BFR53 PHILIPS-BFR53 Datasheet
89Kb / 12P
NPN 2 GHz wideband transistor
1997 Oct 28
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
logo
New Jersey Semi-Conduct...
BF689K NJSEMI-BF689K Datasheet
89Kb / 2P
NPN 2 GHz wideband transistor
BF763 NJSEMI-BF763 Datasheet
76Kb / 2P
NPN 2 GHz wideband transistor
logo
Quanzhou Jinmei Electro...
BFT25_2015 JMNIC-BFT25_2015 Datasheet
57Kb / 8P
NPN 2 GHz wideband transistor
logo
NXP Semiconductors
BFT25_CNV PHILIPS-BFT25_CNV_15 Datasheet
221Kb / 10P
NPN 2 GHz wideband transistor
November 1992
logo
Quanzhou Jinmei Electro...
BFT25 JMNIC-BFT25_15 Datasheet
57Kb / 8P
NPN 2 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com