Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP1G06 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G06 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G06
Download  74AUP1G06 Download
File Size   263.25 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power inverter with open-drain output

74AUP1G06 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G06 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G06
Download  74AUP1G06 Click to download

File Size   263.25 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power inverter with open-drain output

74AUP1G06 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G06 Product details

1. General description
The 74AUP1G06 is a single inverter with open-drain output. Schmitt-trigger action at all inputs
makes the circuit tolerant of slower input rise and fall times.
This device ensures very low static and dynamic power consumption across the entire VCC range
from 0.8 V to 3.6 V.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• CMOS low power dissipation
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from −40 °C to +85 °C and −40 °C to +125 °C




Similar Part No. - 74AUP1G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
Low-power inverter with open-drain output
Rev. 02-24 August 2006
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
Low-power inverter with open-drain output
Rev. 04-10 June 2009
logo
Diodes Incorporated
74AUP1G06 DIODES-74AUP1G06 Datasheet
236Kb / 11P
SINGLE INVERTER WITH OPEN DRAIN OUTPUT
Rev 1
logo
Nexperia B.V. All right...
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
Low-power inverter with open-drain output
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
237Kb / 13P
Low-power inverter with open-drain output
Rev. 5 13 November 2024
More results


Similar Description - 74AUP1G06

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
Inverter with Open Drain Output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
Low-power inverter with open-drain output
Rev. 02-24 August 2006
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
Low-power inverter with open-drain output
Rev. 04-10 June 2009
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
Low-power inverter with open-drain output
Rev. 7-28 June 2012
74AUP2G06 PHILIPS-74AUP2G06_15 Datasheet
198Kb / 18P
Low-power dual inverter with open-drain output
Rev. 5-29 November 2012
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
Low-power inverter with open-drain output
Rev. 1-15 January 2014
logo
Nexperia B.V. All right...
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
Low-power inverter with open-drain output
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
Low-power inverter with open-drain output
74AUP2G06 NEXPERIA-74AUP2G06 Datasheet
247Kb / 15P
Low-power dual inverter with open-drain output
Rev. 8 - 31 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com