Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP2G06 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G06 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G06
Download  74AUP2G06 Download
File Size   247.54 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual inverter with open-drain output

74AUP2G06 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G06 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G06
Download  74AUP2G06 Click to download

File Size   247.54 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual inverter with open-drain output

74AUP2G06 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G06 Product details

1. General description
The 74AUP2G06 provides two inverting buffers with open-drain output. The output of the device
is an open drain and can be connected to other open-drain outputs to implement active-LOW
wired-OR or active-HIGH wired-AND functions.
Schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall times
across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire VCC range
from 0.8 V to 3.6 V.
This device is fully specified for partial Power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging backflow current through the device when it is
powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78B Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A. Exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP2G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
logo
Diodes Incorporated
74AUP2G06 DIODES-74AUP2G06 Datasheet
440Kb / 12P
DUAL INVERTERS WITH OPEN DRAIN OUTPUTS
Rev 4
logo
Nexperia B.V. All right...
74AUP2G0604 NEXPERIA-74AUP2G0604 Datasheet
846Kb / 20P
Low-power inverting buffer with open-drain and inverter
74AUP2G0604GF NEXPERIA-74AUP2G0604GF Datasheet
846Kb / 20P
Low-power inverting buffer with open-drain and inverter
74AUP2G0604GM NEXPERIA-74AUP2G0604GM Datasheet
846Kb / 20P
Low-power inverting buffer with open-drain and inverter
More results


Similar Description - 74AUP2G06

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
Inverter with Open Drain Output
logo
NXP Semiconductors
74AUP1G06 PHILIPS-74AUP1G06 Datasheet
78Kb / 15P
Low-power inverter with open-drain output
Rev. 02-24 August 2006
74AUP1G06 NXP-74AUP1G06 Datasheet
92Kb / 15P
Low-power inverter with open-drain output
Rev. 04-10 June 2009
74AUP2G06 NXP-74AUP2G06 Datasheet
125Kb / 18P
Low-power dual inverter with open-drain output
Rev. 4-6 December 2011
74AUP1G06 PHILIPS-74AUP1G06_15 Datasheet
343Kb / 19P
Low-power inverter with open-drain output
Rev. 7-28 June 2012
74AUP2G06 PHILIPS-74AUP2G06_15 Datasheet
198Kb / 18P
Low-power dual inverter with open-drain output
Rev. 5-29 November 2012
74AXP1G06 PHILIPS-74AXP1G06_15 Datasheet
176Kb / 17P
Low-power inverter with open-drain output
Rev. 1-15 January 2014
logo
Nexperia B.V. All right...
74AUP1G06-Q100 NEXPERIA-74AUP1G06-Q100 Datasheet
684Kb / 13P
Low-power inverter with open-drain output
74AXP1G06 NEXPERIA-74AXP1G06 Datasheet
786Kb / 17P
Low-power inverter with open-drain output
74AUP1G06 NEXPERIA-74AUP1G06 Datasheet
263Kb / 17P
Low-power inverter with open-drain output
Rev. 10 - 13 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com