Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP1G09 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G09 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G09
Download  74AUP1G09 Download
File Size   262.53 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input AND gate with open-drain

74AUP1G09 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G09 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G09
Download  74AUP1G09 Click to download

File Size   262.53 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input AND gate with open-drain

74AUP1G09 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G09 Product details

1. General description
The 74AUP1G09 is a single 2-input AND gate with open-drain output. Schmitt-trigger action at all
inputs makes the circuit tolerant of slower input rise and fall times. This device ensures very low
static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device
is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the
output, preventing the potentially damaging backflow current through the device when it is powered
down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Overvoltage tolerant inputs to 3.6 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G09 NXP-74AUP1G09 Datasheet
90Kb / 15P
Low-power 2-input AND gate with open-drain
Rev. 01-15 January 2009
logo
Diodes Incorporated
74AUP1G09 DIODES-74AUP1G09 Datasheet
202Kb / 11P
SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
Rev 1
logo
Nexperia B.V. All right...
74AUP1G09-Q100 NEXPERIA-74AUP1G09-Q100 Datasheet
214Kb / 12P
Low-power 2-input AND gate with open-drain
Rev. 3 - 14 January 2022
74AUP1G09-Q100 NEXPERIA-74AUP1G09-Q100 Datasheet
235Kb / 13P
Low-power 2-input AND gate with open-drain
Rev. 5 20 September 2024
74AUP1G09-Q100 NEXPERIA-74AUP1G09-Q100_V01 Datasheet
235Kb / 13P
Low-power 2-input AND gate with open-drain
Rev. 5 20 September 2024
More results


Similar Description - 74AUP1G09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
logo
NXP Semiconductors
74AHC1G09 PHILIPS-74AHC1G09 Datasheet
65Kb / 11P
2-input AND gate with open-drain output
Rev. 01-26 September 2005
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
2-Input AND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G09 LRC-L74VHC1G09 Datasheet
221Kb / 6P
2-Input AND Gate with Open Drain Output
logo
NXP Semiconductors
74AUP1G09 NXP-74AUP1G09 Datasheet
90Kb / 15P
Low-power 2-input AND gate with open-drain
Rev. 01-15 January 2009
logo
Unisonic Technologies
U74AHC1G09 UTC-U74AHC1G09 Datasheet
174Kb / 5P
2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
logo
Nexperia B.V. All right...
74AXP1G09 NEXPERIA-74AXP1G09 Datasheet
827Kb / 1P
Low-power 2-input AND gate with open-drain
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
logo
Nexperia B.V. All right...
74AUP1G09-Q100 NEXPERIA-74AUP1G09-Q100 Datasheet
214Kb / 12P
Low-power 2-input AND gate with open-drain
Rev. 3 - 14 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com