Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP1G19 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G19 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G19
Download  74AUP1G19 Download
File Size   262.55 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 1-of-2 decoder/demultiplexer

74AUP1G19 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G19 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G19
Download  74AUP1G19 Click to download

File Size   262.55 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 1-of-2 decoder/demultiplexer

74AUP1G19 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G19 Product details

1. General description
The 74AUP1G19 is a 1-to-2 decoder/demultiplexer with a common output enable. This device
buffers the data on input A and passes it to the outputs 1Y (true) and 2Y (complement) when the
enable (E) input signal is LOW. A HIGH E causes both outputs to assume a HIGH state.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device ensures very low static and dynamic power consumption across the entire VCC range
from 0.8 V to 3.6 V.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• Low static power consumption; ICC = 0.9 μA (maximum)
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G19 NXP-74AUP1G19 Datasheet
93Kb / 17P
Low-power 1-of-2 decoder/demultiplexer
Rev. 01-13 August 2008
74AUP1G19GF NXP-74AUP1G19GF Datasheet
93Kb / 17P
Low-power 1-of-2 decoder/demultiplexer
Rev. 01-13 August 2008
74AUP1G19GM NXP-74AUP1G19GM Datasheet
93Kb / 17P
Low-power 1-of-2 decoder/demultiplexer
Rev. 01-13 August 2008
74AUP1G19GW NXP-74AUP1G19GW Datasheet
93Kb / 17P
Low-power 1-of-2 decoder/demultiplexer
Rev. 01-13 August 2008
74AUP1G19 PHILIPS-74AUP1G19_15 Datasheet
177Kb / 20P
Low-power 1-of-2 decoder/demultiplexer
Rev. 5-6 November 2014
More results


Similar Description - 74AUP1G19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
1-of-2 decoder/demultiplexer
2004 Oct 18
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
NXP Semiconductors
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
74AUP1G19 NXP-74AUP1G19 Datasheet
93Kb / 17P
Low-power 1-of-2 decoder/demultiplexer
Rev. 01-13 August 2008
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19 Datasheet
161Kb / 5P
1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74AUP1G19 PHILIPS-74AUP1G19_15 Datasheet
177Kb / 20P
Low-power 1-of-2 decoder/demultiplexer
Rev. 5-6 November 2014
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
1-of-2 decoder/demultiplexer
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com