Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP1G34GS Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G34GS Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G34GS
Download  74AUP1G34GS Download
File Size   277.93 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power buffer

74AUP1G34GS Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G34GS Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G34GS
Download  74AUP1G34GS Click to download

File Size   277.93 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power buffer

74AUP1G34GS Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G34GS Product details

1. General description
The 74AUP1G34 is a single buffer. Schmitt-trigger action at all inputs makes the circuit tolerant
of slower input rise and fall times. This device ensures very low static and dynamic power
consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for
partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Low static power consumption; ICC = 0.9 μA (maximum)
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 Class 3A exceeds 5000 V
• CDM: ANSI/ESDA/JEDEC JS-002 Class C3 exceeds 1000 V
• MM: JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G34GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G34GS NEXPERIA-74AUP1G34GS Datasheet
304Kb / 20P
Low-power buffer
Rev. 12 23 September 2024
More results


Similar Description - 74AUP1G34GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G34 NXP-74AUP1G34 Datasheet
91Kb / 15P
Low-power buffer
Rev. 03-14 August 2008
74AUP2G34 NXP-74AUP2G34 Datasheet
91Kb / 16P
Low-power dual buffer
Rev. 02-31 January 2008
74AUP1G34-Q100 NXP-74AUP1G34-Q100 Datasheet
109Kb / 14P
Low-power buffer
Rev. 1-26 March 2013
74AUP1G34 PHILIPS-74AUP1G34_15 Datasheet
411Kb / 20P
Low-power buffer
Rev. 6-28 June 2012
74AUP2G34 PHILIPS-74AUP2G34_15 Datasheet
197Kb / 19P
Low-power dual buffer
Rev. 5-10 January 2013
logo
Nexperia B.V. All right...
74AUP1G16 NEXPERIA-74AUP1G16 Datasheet
766Kb / 17P
Low-power buffer
74AUP2G16 NEXPERIA-74AUP2G16 Datasheet
765Kb / 17P
Low-power dual buffer
74AUP3G16 NEXPERIA-74AUP3G16 Datasheet
773Kb / 17P
Low-power triple buffer
74AUP1G34-Q100 NEXPERIA-74AUP1G34-Q100 Datasheet
219Kb / 13P
Low-power buffer
Rev. 3 - 20 January 2022
74AUP2G34 NEXPERIA-74AUP2G34 Datasheet
265Kb / 18P
Low-power dual buffer
Rev. 8 - 31 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com