Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP1G79 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G79 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G79
Download  74AUP1G79 Download
File Size   305.22 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power D-type flip-flop; positive-edge trigger

74AUP1G79 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G79 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G79
Download  74AUP1G79 Click to download

File Size   305.22 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power D-type flip-flop; positive-edge trigger

74AUP1G79 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G79 Product details

1. General description
The 74AUP1G79 is a single positive-edge triggered D-type flip-flop. Data at the D-input that
meets the set-up and hold time requirements on the LOW-to-HIGH clock transition will be stored
in the flip-flop and appear at the Q output.. Schmitt-trigger action at all inputs makes the circuit
tolerant of slower input rise and fall times. This device ensures very low static and dynamic power
consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for
partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G79

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G79 PHILIPS-74AUP1G79 Datasheet
97Kb / 20P
Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
74AUP1G79 NXP-74AUP1G79 Datasheet
113Kb / 20P
Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
74AUP1G79GF NXP-74AUP1G79GF Datasheet
113Kb / 20P
Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
logo
Nexperia B.V. All right...
74AUP1G79GF NEXPERIA-74AUP1G79GF Datasheet
374Kb / 24P
Low-power D-type flip-flop; positive-edge trigger
Rev. 6 28 June 2012
logo
NXP Semiconductors
74AUP1G79GM PHILIPS-74AUP1G79GM Datasheet
97Kb / 20P
Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
More results


Similar Description - 74AUP1G79

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G79 PHILIPS-74AUP1G79 Datasheet
97Kb / 20P
Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
74AUP2G80 PHILIPS-74AUP2G80 Datasheet
94Kb / 18P
Low-power dual D-type flip-flop; positive-edge trigger
Rev. 01-25 August 2006
74AUP2G80 NXP-74AUP2G80 Datasheet
95Kb / 18P
Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
74AUP1G79 NXP-74AUP1G79 Datasheet
113Kb / 20P
Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
74AUP1G80 NXP-74AUP1G80 Datasheet
103Kb / 18P
Low-power D-type flip-flop; positive-edge trigger
Rev. 01-20 October 2006
74AUP2G79 NXP-74AUP2G79 Datasheet
114Kb / 21P
Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-30 June 2009
74AUP2G80 NXP-74AUP2G80_08 Datasheet
111Kb / 20P
Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-2 June 2008
logo
Nexperia B.V. All right...
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
Low-power dual D-type flip-flop; positive-edge trigger
74AUP1G80 NEXPERIA-74AUP1G80 Datasheet
295Kb / 20P
Low-power D-type flip-flop; positive-edge trigger
Rev. 7 - 23 January 2023
74AUP2G79 NEXPERIA-74AUP2G79 Datasheet
279Kb / 19P
Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 3 December 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com