Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP2G79 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G79 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G79
Download  74AUP2G79 Download
File Size   279.06 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual D-type flip-flop; positive-edge trigger

74AUP2G79 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G79 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G79
Download  74AUP2G79 Click to download

File Size   279.06 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual D-type flip-flop; positive-edge trigger

74AUP2G79 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G79 Product details

1. General description
The 74AUP2G79 provides the dual positive-edge triggered D-type flip-flop. Information on the
data input (nD) is transferred to the nQ output on the LOW-to-HIGH transition of the clock pulse
(nCP). The nD input must be stable one set-up time prior to the LOW-to-HIGH clock transition for
predictable operation.
Schmitt trigger action at all inputs makes the circuit tolerant to slower input rise and fall times
across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire VCC range
from 0.8 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing a damaging backflow current through the device when it is powered
down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD78 Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP2G79

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G79 NXP-74AUP2G79 Datasheet
114Kb / 21P
Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
Low-power dual D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AUP2G79DC NXP-74AUP2G79DC Datasheet
114Kb / 21P
Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G79DC-Q100 NEXPERIA-74AUP2G79DC-Q100 Datasheet
235Kb / 15P
Low-power dual D-type flip-flop; positive-edge trigger
logo
NXP Semiconductors
74AUP2G79GD NXP-74AUP2G79GD Datasheet
114Kb / 21P
Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-30 June 2009
More results


Similar Description - 74AUP2G79

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G79 PHILIPS-74AUP1G79 Datasheet
97Kb / 20P
Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
74AUP2G80 PHILIPS-74AUP2G80 Datasheet
94Kb / 18P
Low-power dual D-type flip-flop; positive-edge trigger
Rev. 01-25 August 2006
74AUP2G80 NXP-74AUP2G80 Datasheet
95Kb / 18P
Low-power dual D-type flip-flop; positive-edge trigger
Rev. 02-1 August 2007
74AUP1G79 NXP-74AUP1G79 Datasheet
113Kb / 20P
Low-power D-type flip-flop; positive-edge trigger
Rev. 03-3 August 2009
74AUP1G80 NXP-74AUP1G80 Datasheet
103Kb / 18P
Low-power D-type flip-flop; positive-edge trigger
Rev. 01-20 October 2006
74AUP2G79 NXP-74AUP2G79 Datasheet
114Kb / 21P
Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-30 June 2009
74AUP2G80 NXP-74AUP2G80_08 Datasheet
111Kb / 20P
Low-power dual D-type flip-flop; positive-edge trigger
Rev. 04-2 June 2008
logo
Nexperia B.V. All right...
74AUP2G79-Q100 NEXPERIA-74AUP2G79-Q100 Datasheet
235Kb / 15P
Low-power dual D-type flip-flop; positive-edge trigger
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
74AUP2G80 NEXPERIA-74AUP2G80 Datasheet
279Kb / 19P
Low-power dual D-type flip-flop; positive-edge trigger
Rev. 11 - 7 December 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com