Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3B03 Datasheet (PDF) - Analog Devices

3B03 Datasheet PDF - Analog Devices
Part # 3B03
Download  3B03 Download
File Size   150.0 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3B Series 4 Channel Backplane

3B03 Datasheet (PDF)

Go To PDF Page Download Datasheet
3B03 Datasheet PDF - Analog Devices

Part # 3B03
Download  3B03 Click to download

File Size   150.0 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3B Series 4 Channel Backplane

3B03 Datasheet (HTML) - Analog Devices


3B03 Product details

PRODUCT OVERVIEW
To address diverse applications, the 3B Subsystem Series includes a family of backplanes which provide a complete signal conditioning solution. The 3B03 is designed for 4 channels to offer users the flexibility to match the size of a system to specific applications. All backplanes are provided with #6-32 x 1-inch screws and standoffs for mounting. Several mounting options are available, including rack, surface and NEMA enclosure.

FEATURES
    Mix and Match 3B Series I/O Module Capability
    Factory Mutual (FM) Approved
    CE Certified
    +1500 V peak Channel/Channel and Input/Output Isolation
    -25oC to +85oC Temperature Range
    LEDs indicate when power is applied
    Replaceable AC Line Fuse in Protective Housing
    Versatile Mounting Options

APPLICATIONS
    Industrial Signal Conditioning
    Industrial Signal Isolation
    Industrial Signal Filtering




Similar Part No. - 3B03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B03 AD-3B03_15 Datasheet
150Kb / 6P
3B Series 4 Channel Backplane
REV. 0
More results


Similar Description - 3B03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B01 AD-3B01 Datasheet
382Kb / 6P
3B Series 16 Channel Backplane
REV. 0
5B02 AD-5B02 Datasheet
187Kb / 7P
5B Series 16 Channel Backplane
3B02 AD-3B02 Datasheet
154Kb / 6P
3B Series 8 Channel Backplane
3B01 AD-3B01_15 Datasheet
383Kb / 6P
3B Series 16 Channel Backplane
REV. 0
3B02 AD-3B02_15 Datasheet
155Kb / 6P
3B Series 8 Channel Backplane
REV. 0
3B03 AD-3B03_15 Datasheet
150Kb / 6P
3B Series 4 Channel Backplane
REV. 0
5B01 AD-5B01_15 Datasheet
156Kb / 7P
5B Series 16 Channel Backplane
REV. 0
5B02 AD-5B02_15 Datasheet
188Kb / 7P
5B Series 16 Channel Backplane
REV. 0
logo
PHOENIX CONTACT
3209057 PHOENIX-3209057 Datasheet
138Kb / 14P
Sensor/actuator terminal block - STIO 2,5/4-3B/L
3213976 PHOENIX-3213976 Datasheet
55Kb / 3P
End cover - D-PTI/3B
09/11/2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com