Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5B02 Datasheet (PDF) - Analog Devices

5B02 Datasheet PDF - Analog Devices
Part # 5B02
Download  5B02 Download
File Size   187.33 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5B Series 16 Channel Backplane

5B02 Datasheet (PDF)

Go To PDF Page Download Datasheet
5B02 Datasheet PDF - Analog Devices

Part # 5B02
Download  5B02 Click to download

File Size   187.33 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5B Series 16 Channel Backplane

5B02 Datasheet (HTML) - Analog Devices


5B02 Product details

PRODUCT OVERVIEW
To address diverse applications, the 5B Series includes a family of backplanes and mounting cards which provide a complete signal conditioning solution. The 16-channel backplane can be mounted in a 19” x 3.5” panel space, providing an economical means to handle signals.

FEATURES
    Mix and Match 5B Series I/O Module Capability
    Factory Mutual (FM) Approved
    Approved for Use in Class I, Division2, Groups A, B, C, and D Locations.
    CE Certified: EMC Directive in Heavy Industrial Applications
    1500 V rms Channel/Channel and Input/Output Isolation 16- channels
    -25oC to +85oC Temperature Range
    Single Threaded Insert for module Hold Down

APPLICATIONS
    Industrial Signal Conditioning
    Industrial Signal Isolation
    Industrial Signal Filtering




Similar Part No. - 5B02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B02 AD-5B02_15 Datasheet
188Kb / 7P
5B Series 16 Channel Backplane
REV. 0
More results


Similar Description - 5B02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B01 AD-3B01 Datasheet
382Kb / 6P
3B Series 16 Channel Backplane
REV. 0
5B01 AD-5B01 Datasheet
155Kb / 7P
16 Channel Backplane
3B01 AD-3B01_15 Datasheet
383Kb / 6P
3B Series 16 Channel Backplane
REV. 0
3B03 AD-3B03_15 Datasheet
150Kb / 6P
3B Series 4 Channel Backplane
REV. 0
5B01 AD-5B01_15 Datasheet
156Kb / 7P
5B Series 16 Channel Backplane
REV. 0
5B02 AD-5B02_15 Datasheet
188Kb / 7P
5B Series 16 Channel Backplane
REV. 0
5B03 AD-5B03_15 Datasheet
155Kb / 6P
5B Series Single / Double Channel Mounting Card
REV. 0
5B04 AD-5B04_15 Datasheet
155Kb / 6P
5B Series Single / Double Channel Mounting Card
REV. 0
5B08 AD-5B08_15 Datasheet
250Kb / 8P
5B Series 8 Channel Backplane
REV. 0
5B08-MUX AD-5B08-MUX_15 Datasheet
250Kb / 8P
5B Series 8 Channel Backplane
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com