Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5B01 Datasheet (PDF) - Analog Devices

5B01 Datasheet PDF - Analog Devices
Part # 5B01
Download  5B01 Download
File Size   155.87 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 Channel Backplane

5B01 Datasheet (PDF)

Go To PDF Page Download Datasheet
5B01 Datasheet PDF - Analog Devices

Part # 5B01
Download  5B01 Click to download

File Size   155.87 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16 Channel Backplane

5B01 Datasheet (HTML) - Analog Devices


5B01 Product details

PRODUCT OVERVIEW
To address diverse applications, the 5B Series includes a family of backplanes and mounting cards which provide a complete signal conditioning solution. The 16-channel backplane can be mounted in a 19” x 3.5” panel space, providing an economical means to handle signals.

FEATURES
   Mix and Match 5B Series I/O Module Capability
   Factory Mutual (FM) Approved
   Approved for Use in Class I, Division2, Groups A, B, C, and D
   Locations.
   CE Certified: EMC Directive in Heavy Industrial Applications
   1500 V rms Channel/Channel and Input/Output Isolation
   16- channels
   -25oC to +85oC Temperature Range
   Single Threaded Insert for Module Hold Down

APPLICATIONS
   Industrial Signal Conditioning
   Industrial Signal Isolation
   Industrial Signal Filtering




Similar Part No. - 5B01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B01 AD-5B01_15 Datasheet
156Kb / 7P
5B Series 16 Channel Backplane
REV. 0
More results


Similar Description - 5B01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B01 AD-3B01 Datasheet
382Kb / 6P
3B Series 16 Channel Backplane
REV. 0
3B03 AD-3B03 Datasheet
150Kb / 6P
3B Series 4 Channel Backplane
5B02 AD-5B02 Datasheet
187Kb / 7P
5B Series 16 Channel Backplane
3B02 AD-3B02 Datasheet
154Kb / 6P
3B Series 8 Channel Backplane
logo
Vitesse Semiconductor C...
VSC8489-10 VITESSE-VSC8489-10 Datasheet
411Kb / 2P
Dual Channel WAN/LAN/Backplane RXAUI/XAUI to SFP/KR 10 GbE SerDes PHY with VeriTime™
2014
logo
Analog Devices
3B01 AD-3B01_15 Datasheet
383Kb / 6P
3B Series 16 Channel Backplane
REV. 0
3B02 AD-3B02_15 Datasheet
155Kb / 6P
3B Series 8 Channel Backplane
REV. 0
3B03 AD-3B03_15 Datasheet
150Kb / 6P
3B Series 4 Channel Backplane
REV. 0
5B01 AD-5B01_15 Datasheet
156Kb / 7P
5B Series 16 Channel Backplane
REV. 0
5B02 AD-5B02_15 Datasheet
188Kb / 7P
5B Series 16 Channel Backplane
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com