Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5B01 Datasheet(PDF) 1 Page - Analog Devices

Part # 5B01
Description  16 Channel Backplane
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B01 Datasheet(HTML) 1 Page - Analog Devices

  5B01 Datasheet HTML 1Page - Analog Devices 5B01 Datasheet HTML 2Page - Analog Devices 5B01 Datasheet HTML 3Page - Analog Devices 5B01 Datasheet HTML 4Page - Analog Devices 5B01 Datasheet HTML 5Page - Analog Devices 5B01 Datasheet HTML 6Page - Analog Devices 5B01 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5B Series 16 Channel Backplane
5B01
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Mix and Match 5B Series I/O Module Capability
Factory Mutual (FM) Approved
Approved for Use in Class I, Division2, Groups A, B, C, and D
Locations.
CE Certified: EMC Directive in Heavy Industrial Applications
1500 V rms Channel/Channel and Input/Output Isolation
16- channels
-25oC to +85oC Temperature Range
Single Threaded Insert for Module Hold Down
APPLICATIONS
Industrial Signal Conditioning
Industrial Signal Isolation
Industrial Signal Filtering
PRODUCT OVERVIEW
To address diverse applications, the 5B Series includes a family
of backplanes and mounting cards which provide a complete
signal conditioning solution. The 16-channel backplane can be
mounted in a 19” x 3.5” panel space, providing an economical
means to handle signals.
FUNCTIONAL BLOCK DIAGRAM
Figure 1 5B01 Functional Block Diagram
This backplane provides four screw terminals per channel for
all field connections. These connections satisfy all transducer
inputs, process current outputs and provide transducer
excitation when necessary. A cold junction temperature sensor
(model AC1361) sensor is also supplied on each channel to
accommodate thermocouple input modules. A pair of pin
sockets permits installation of the AC1362 current sensing
resistor used with the 5B32 current input module on the 16-
channel backplane, a 26-pin system interface connector
provides high level I/O for all channels. The 5B01 Series
backplane requires a regulated +5VDC external power source.


Similar Part No. - 5B01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B01 AD-5B01_15 Datasheet
156Kb / 7P
5B Series 16 Channel Backplane
REV. 0
More results

Similar Description - 5B01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B01 AD-3B01 Datasheet
382Kb / 6P
3B Series 16 Channel Backplane
REV. 0
3B03 AD-3B03 Datasheet
150Kb / 6P
3B Series 4 Channel Backplane
5B02 AD-5B02 Datasheet
187Kb / 7P
5B Series 16 Channel Backplane
3B02 AD-3B02 Datasheet
154Kb / 6P
3B Series 8 Channel Backplane
logo
Vitesse Semiconductor C...
VSC8489-10 VITESSE-VSC8489-10 Datasheet
411Kb / 2P
Dual Channel WAN/LAN/Backplane RXAUI/XAUI to SFP/KR 10 GbE SerDes PHY with VeriTime™
2014
logo
Analog Devices
3B01 AD-3B01_15 Datasheet
383Kb / 6P
3B Series 16 Channel Backplane
REV. 0
3B02 AD-3B02_15 Datasheet
155Kb / 6P
3B Series 8 Channel Backplane
REV. 0
3B03 AD-3B03_15 Datasheet
150Kb / 6P
3B Series 4 Channel Backplane
REV. 0
5B01 AD-5B01_15 Datasheet
156Kb / 7P
5B Series 16 Channel Backplane
REV. 0
5B02 AD-5B02_15 Datasheet
188Kb / 7P
5B Series 16 Channel Backplane
REV. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com