Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2050 Datasheet (PDF) - G.M. International

D2050 Datasheet PDF - G.M. International
Part # D2050
Download  D2050 Download
File Size   252.83 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description Gateway - Power Supply Unit for Multiplexer D2000M Series DIN-Rail Model D2050M

D2050 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2050 Datasheet PDF - G.M. International

Part # D2050
Download  D2050 Click to download

File Size   252.83 Kbytes
Page   2 Pages
Manufacturer  GMI [G.M. International]
Direct Link  https://www.gminternational.com/
Logo GMI - G.M. International
Description Gateway - Power Supply Unit for Multiplexer D2000M Series DIN-Rail Model D2050M

D2050 Datasheet (HTML) - G.M. International


D2050 Product details

General description:
D2000M series Intrinsically Safe Multiplexing System consists of one to four
Analog-Temperature Multiplexer units model D2010M, up to twelve Expander units
model D2011M, or up to four Digital Multiplexer units model D2030M, mounted in
Hazardous Area/Hazardous Locations Zone 1-2, Gas Group IIC-IIB-IIA T4 or
Class I, Division 1-2, Group A, B, C, D T4 and connected via a single/redundant 2 wires
data communication/supply line to a Modbus Gateway unit model D2050M,
mounted in Safe Area/Non Hazardous Locations and connected to a PLC, DCS or PC.
The Gateway D2050M unit, mounted in Safe Area/Non Hazardous Locations, provides
intrinsically safe protection to the 2 wires communication link, and supplies power to
Analog-Temperature Multiplexer D2010M and Digital Multiplexer D2030M units,
installed in Hazardous Area/Hazardous Locations, close to input sensors, for data
acquisition and connects the field multiplexers to a Safe Area/Non Hazardous Locations
PLC, DCS or other devices, saving wiring cables and costs.
The unit is primarily intended to interface field multiplexer with the PLC, DCS systems
via Modbus serial lines with redundant communication.
Units D2010M, D2011M and D2030M scan all channels and store all data in a memory
buffer, where they can be rapidly accessed by the Modbus Gateway unit D2050M.
Each multiplexer unit D2010M accepts directly up to 16 input channels and, by adding
from one to three D2011M, is expandable to 64 channels. Four D2010M units,
connected to twelve D2011M expanders, achieve 256 inputs via one Modbus Gateway
D2050M. D2030M unit accepts up to 32 digital input channels and up to four D2030M
units (128 channels) can be connected to the D2050M Gateway.
One D2050M unit can support up to 256 analog input channels from D2010M, D2011M
or 128 digital channels from D2030M unit.
Redundant communication is obtained by dual data/supply interface line.
Safety parameters mantain compatibility with Gas Group IIC or Gas Group A and B,
even in redundant mode.
All parameters are software configurable by serial commands. Functions and serial
commands for RS-232 and RS-485 protocols are provided in the instruction manual.

Features:
• Intrinsically Safe Associated Apparatus for installation in
Safe Area/Non Hazardous Locations to supply Multiplexer D2010M,
D2011M, D2030M installed in Zone 1, 2 Gas Group IIC, IIB, IIA T4
or Class I, Division 1, 2 Groups A, B, C, D, Temperature Code T4 and
Class I, Zone 1, 2 Groups IIC, IIB, IIA, Temperature Code T4
Hazardous Area/Hazardous Location.
• Universal inputs (mV, TC, RTD, contact or proximity detector) via
D2010M, D2011M, D2030M unit from Zone 0, 1, 2 or
Class I, II, III, Division 1, 2, Groups A, B, C, D, E, F, G, and
Class I, Zone 0, 1, 2 Groups IIC, IIB, IIA Hazardous Location.
• Expandability up to 256 analog/128 digital channels per system and
31 systems on a single Modbus serial link for up to 7936/3968 channels.
• Redundant field lines for communication/supply.
• Modbus interface RTU protocol on redundant RS-485.
• RS-232 port for system configuration.
• Three port isolation, Input/Output/Supply.
• EMC Compatibility to EN61000-6-2, EN61000-6-4.
• ATEX, FM & FM-C, Russian and Ukrainian Certifications.
• High reliability, SMD components.
• Configurable by SWC2090 software (free of charge) or user software.
• Modbus output allows savings on PLC/DCS I/O cards cost.
• Lower cables, installation and maintenance costs.
• Simplified installation using standard DIN Rail mounting units.
• Repeat Hazardous Area/Hazardous Locations input contact or
proximity detector in Safe Area/Non Hazardous Locations via
D2052M unit (relay output) or via D2053M unit (transistor output).




Similar Part No. - D2050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D205 ETC1-D205 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D205 MPD-D205 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
American Electronic Com...
D205 AEC-D205 Datasheet
200Kb / 1P
Optical Liquid Level Sensors
logo
G.M. International
D2052 GMI-D2052 Datasheet
257Kb / 2P
Relay Output Repeater DIN-Rail Model D2052M
D2052M GMI-D2052M Datasheet
257Kb / 2P
Relay Output Repeater DIN-Rail Model D2052M
More results


Similar Description - D2050

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
DIN RAIL POWER SUPPLY
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
CliQ DIN Rail Power Supply
logo
Arch Electronics Corp.
AQF120E-180W ARCH-AQF120E-180W_16 Datasheet
533Kb / 8P
Din Rail Switching Power Supply
logo
Delta Electronics, Inc.
DRS-24V30W1AZ DELTA-DRS-24V30W1AZ Datasheet
835Kb / 11P
Sync DIN Rail Power Supply
DRS-5V50W1AX DELTA-DRS-5V50W1AX Datasheet
913Kb / 13P
Sync DIN Rail Power Supply
logo
G.M. International
D1012 GMI-D1012 Datasheet
251Kb / 2P
Quadruple Repeater Power Supply DIN-Rail Model D1012Q
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
DIN Rail Power Supply
logo
G.M. International
D2010 GMI-D2010 Datasheet
284Kb / 2P
Intrinsically Safe Analog-Temperature Multiplexer DIN-Rail Model D2010M
D2011 GMI-D2011 Datasheet
282Kb / 2P
Intrinsically Safe Analog-Temperature Multiplexer Expander DIN-Rail Model D2011M
D2030 GMI-D2030 Datasheet
278Kb / 2P
Intrinsically Safe Digital Multiplexer DIN-Rail Model D2030M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com