Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93A Datasheet (PDF) - NXP Semiconductors

BFR93A Datasheet PDF - NXP Semiconductors
Part # BFR93A
Download  BFR93A Download
File Size   117.7 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 6 GHz wideband transistor

BFR93A Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR93A Datasheet PDF - NXP Semiconductors

Part # BFR93A
Download  BFR93A Click to download

File Size   117.7 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 6 GHz wideband transistor

BFR93A Datasheet (HTML) - NXP Semiconductors


BFR93A Product details

DESCRIPTION
NPN wideband transistor in a plastic SOT23 package. PNP complement: BFT93.

FEATURES
• High power gain
• Low noise figure
• Very low intermodulation distortion.

APPLICATIONS
• RF wideband amplifiers and oscillators.




Similar Part No. - BFR93A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFR93A VISHAY-BFR93A Datasheet
146Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
Siemens Semiconductor G...
BFR93A SIEMENS-BFR93A Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2mA to 30mA)
logo
Infineon Technologies A...
BFR93A INFINEON-BFR93A Datasheet
80Kb / 7P
NPN Silicon RF Transistor
Jun-27-2001
logo
List of Unclassifed Man...
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
logo
Infineon Technologies A...
BFR93A INFINEON-BFR93A Datasheet
142Kb / 7P
NPN Silicon RF Transistor
2007-04-26
More results


Similar Description - BFR93A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG94 PHILIPS-BFG94 Datasheet
100Kb / 13P
NPN 6 GHz wideband transistor
1998 Sep 23
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
NPN 6 GHz wideband transistor
September 1995
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFR93AR NXP-BFR93AR Datasheet
95Kb / 13P
NPN 6 GHz wideband transistor
Rev. 01-30 November 2006
logo
Quanzhou Jinmei Electro...
BFG94_2015 JMNIC-BFG94_2015 Datasheet
88Kb / 13P
NPN 6 GHz wideband transistor
BFR93A_2015 JMNIC-BFR93A_2015 Datasheet
101Kb / 12P
NPN 6 GHz wideband transistor
BFR93AR_2015 JMNIC-BFR93AR_2015 Datasheet
95Kb / 13P
NPN 6 GHz wideband transistor
BFG94 JMNIC-BFG94_15 Datasheet
88Kb / 13P
NPN 6 GHz wideband transistor
BFR93A JMNIC-BFR93A_15 Datasheet
101Kb / 12P
NPN 6 GHz wideband transistor
BFR93AR JMNIC-BFR93AR_15 Datasheet
95Kb / 13P
NPN 6 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com