Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93A Datasheet (PDF) - Vishay Siliconix

BFR93A Datasheet PDF - Vishay Siliconix
Part # BFR93A
Download  BFR93A Download
File Size   146.57 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Planar RF Transistor

BFR93A Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR93A Datasheet PDF - Vishay Siliconix

Part # BFR93A
Download  BFR93A Click to download

File Size   146.57 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon NPN Planar RF Transistor

BFR93A Datasheet (HTML) - Vishay Siliconix


BFR93A Product details

Features
● High power gain
● High transition frequency
● Low noise figure

Applications
    Wide band amplifier up to GHz range.




Similar Part No. - BFR93A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR93A PHILIPS-BFR93A Datasheet
117Kb / 12P
NPN 6 GHz wideband transistor
1997 Oct 29
logo
Siemens Semiconductor G...
BFR93A SIEMENS-BFR93A Datasheet
57Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2mA to 30mA)
logo
Infineon Technologies A...
BFR93A INFINEON-BFR93A Datasheet
80Kb / 7P
NPN Silicon RF Transistor
Jun-27-2001
logo
List of Unclassifed Man...
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
logo
Infineon Technologies A...
BFR93A INFINEON-BFR93A Datasheet
142Kb / 7P
NPN Silicon RF Transistor
2007-04-26
More results


Similar Description - BFR93A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
BFP92A VISHAY-BFP92A Datasheet
173Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
Silicon NPN Planar RF Transistor
03-Sep-04
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
Silicon NPN Planar RF Transistor
02-May-05
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
Silicon NPN Planar RF Transistor
05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
Silicon NPN Planar RF Transistor
08-Sep-08
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
Silicon NPN Planar RF Transistor
08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com