Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS-325A Datasheet (PDF) - C&D Technologies

ADS-325A Datasheet PDF - C&D Technologies
Part # ADS-325A
Download  ADS-325A Download
File Size   145.53 Kbytes
Page   8 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 10-Bit, 20MHz Sampling A/D Converter

ADS-325A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS-325A Datasheet PDF - C&D Technologies

Part # ADS-325A
Download  ADS-325A Click to download

File Size   145.53 Kbytes
Page   8 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 10-Bit, 20MHz Sampling A/D Converter

ADS-325A Datasheet (HTML) - C&D Technologies


ADS-325A Product details

GENERAL DESCRIPTION
DATELs ADS-325A is a low power, 10-bit, 20MHz, CMOS sampling A/D converter. Its small 48 pin plastic LQFP package contains a S/H amplifier, a 3-state output register, linearity calibration circuitry, and all necessary control logic. Only two external reference voltages, an A/D clock and a few digital inputs are required. The A/D clock may be applied with 50% duty cycle.

FEATURES
• 10-bit, 20MHz sampling
• ±1LSB max. differential nonlinearity
• Internal calibration circuit
• Internal S/H amplifier
• 70MHz input bandwidth
• TTL/CMOS compatible in-out logic
• Latched three-state output data
• Single +5V supply
• Low 150mW power dissipation
• Small 48 pin LQFP package
• Low cost




Similar Part No. - ADS-325A

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
10-Bit, 20MHz Sampling A/D Converter
More results


Similar Description - ADS-325A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
8-Bit, 20MHz, 60mW A/D Converter
logo
Sipex Corporation
SP8527 SIPEX-SP8527 Datasheet
180Kb / 12P
Micropower Sampling 10-Bit A/D Converter
SP8537 SIPEX-SP8537 Datasheet
220Kb / 12P
Micropower Sampling 10-Bit A/D Converter
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Asahi Kasei Microsystem...
AK5482 AKM-AK5482 Datasheet
73Kb / 13P
10 BIT 20MHZ AD CONVERTER
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
12-Bit, 20MHz, Low Power Sampling A/D Converters
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
10-Bit, 20MHz Sampling A/D Converter
logo
Texas Instruments
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com