Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8527 Datasheet (PDF) - Sipex Corporation

SP8527 Datasheet PDF - Sipex Corporation
Part # SP8527
Download  SP8527 Download
File Size   180.16 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Micropower Sampling 10-Bit A/D Converter

SP8527 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8527 Datasheet PDF - Sipex Corporation

Part # SP8527
Download  SP8527 Click to download

File Size   180.16 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Micropower Sampling 10-Bit A/D Converter

SP8527 Datasheet (HTML) - Sipex Corporation


SP8527 Product details

DESCRIPTION
The SP8527 is a very low power 10-Bit A/D converter. The SP8527 typically draws 230µA of supply current when sampling at 38.3 kHz. Supply current drops linearly as the sample rate is reduced. The ADC automatically powers down when not performing conversions, drawing only leakage current. The SP8527 is available in 8-Pin NSOIC packages, specified over Commercial and Industrial temperature ranges. The SP8527 is best suited for Battery-Operated Systems, Portable Data Acquisition Instrumentation, Battery Monitoring, and Remote Sensing applications. The serial port allows efficient data transfer to a wide range of microprocessors and microcontrollers over 3 wires.

■ Low Cost
■ 10-Bit Serial Sampling ADC
■ Guaranteed +1.0 LSB Max INL
■ 8-Pin NSOIC Plastic Package
■ Low Power @ 230µA including
   Automatic Shutdown: 1nA (typ)
■ Full differential input stage
■ Single Supply 3.0V to 5.5V operation
■ Digital Serial Interface
■ Sample Rate: 26.1µS




Similar Part No. - SP8527

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SP852120 CELDUC-SP852120 Datasheet
115Kb / 2P
Power Solid State Relay
logo
Sipex Corporation
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
Micropower Sampling 12-Bit A/D Converter
More results


Similar Description - SP8527

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
12-Bit 3ms Sampling A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
Micropower Sampling 12-Bit A/D Converter
SP8537 SIPEX-SP8537 Datasheet
220Kb / 12P
Micropower Sampling 10-Bit A/D Converter
logo
Linear Technology
LTC1414 LINER-LTC1414 Datasheet
353Kb / 20P
14-Bit, 2.2Msps, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
Micropower Sampling 12-Bit A/D Converter
logo
Linear Technology
LTC1598 LINER-LTC1598 Datasheet
134Kb / 12P
8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
logo
Intersil Corporation
HI-7153 INTERSIL-HI-7153 Datasheet
977Kb / 17P
8-Channel, 10-Bit High Speed Sampling A/D Converter
December 1997
logo
C&D Technologies
ADS-325A CANDD-ADS-325A Datasheet
145Kb / 8P
10-Bit, 20MHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
10-Bit, 20MHz Sampling A/D Converter
ADSQ-1410 MURATA-PS-ADSQ-1410 Datasheet
388Kb / 11P
Quad 14-Bit, 10 MSPS Sampling A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com