Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8538 Datasheet (PDF) - Sipex Corporation

SP8538 Datasheet PDF - Sipex Corporation
Part # SP8538
Download  SP8538 Download
File Size   305.42 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Micropower Sampling 12-Bit A/D Converter

SP8538 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8538 Datasheet PDF - Sipex Corporation

Part # SP8538
Download  SP8538 Click to download

File Size   305.42 Kbytes
Page   12 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Micropower Sampling 12-Bit A/D Converter

SP8538 Datasheet (HTML) - Sipex Corporation


SP8538 Product details

DESCRIPTION

The SP8538is a very low power 12-Bit data acquisition chip. The SP8538typically draws 250µA

of supply current when sampling at 25 kHz. Supply current drops linearly as the sample rate is

reduced. The ADC automatically powers down when not performing conversions, drawing only

leakage current. The SP8538is available in 8-Pin NSOIC packages, specified over Commercial

and Industrial temperature ranges. The SP8538is best suited for Battery-Operated Systems,

Portable Data Acquisition Instrumentation, Battery Monitoring, and Remote Sensing

applications. The serial port allows efficient data transfer to a wide range of microprocessors and

microcontrollers over 3 or 4 wires.



■Low Cost

■12-Bit Serial Sampling ADC

■Guaranteed +1.0 LSB Max INL

■Guaranteed No Missing Codes

■8-Pin NSOIC Plastic Package

■Low Power @ 250µA including Automatic Shutdown: 1nA(typ)

■Programmable Input Configuration: Full differential or 2 channel single-ended

■Single Supply 3.0V to 5.5V operation

■Half Duplex Digital Serial Interface

■Sample Rate: 40µS

■Pin Compatible Upgrade to LTC 1298




Similar Part No. - SP8538

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8530 SIPEX-SP8530 Datasheet
169Kb / 12P
S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530AN SIPEX-SP8530AN Datasheet
169Kb / 12P
S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530AS SIPEX-SP8530AS Datasheet
169Kb / 12P
S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530BN SIPEX-SP8530BN Datasheet
169Kb / 12P
S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530BS SIPEX-SP8530BS Datasheet
169Kb / 12P
S2ADC - Simultaneous Sampling Analog to Digital Converter
More results


Similar Description - SP8538

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
12-Bit 3ms Sampling A/D Converter
SP8527 SIPEX-SP8527 Datasheet
180Kb / 12P
Micropower Sampling 10-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
Micropower Sampling 12-Bit A/D Converter
SP8537 SIPEX-SP8537 Datasheet
220Kb / 12P
Micropower Sampling 10-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
06 1999
logo
Linear Technology
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
12-Bit, 3us, 250kHz Sampling A/D Converter
LTC1412 LINER-LTC1412 Datasheet
499Kb / 16P
12-Bit, 3Msps, Sampling A/D Converter
LTC1598 LINER-LTC1598 Datasheet
134Kb / 12P
8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
July 2000
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
12-Bit, 3Msps, Sampling A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com