Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7800A Datasheet (PDF) - Sipex Corporation

SP7800A Datasheet PDF - Sipex Corporation
Part # SP7800A
Download  SP7800A Download
File Size   171.29 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 12-Bit 3ms Sampling A/D Converter

SP7800A Datasheet (PDF)

Go To PDF Page Download Datasheet
SP7800A Datasheet PDF - Sipex Corporation

Part # SP7800A
Download  SP7800A Click to download

File Size   171.29 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 12-Bit 3ms Sampling A/D Converter

SP7800A Datasheet (HTML) - Sipex Corporation


SP7800A Product details

DESCRIPTION…
TheSP7800A is a complete 12-bit sampling A/D converter using state–of–the–art CMOS structures. It contains a complete 12–bit successive approximation A/D converter with internal sample/hold, reference, clock, digital interface for microprocessor control, and three–state output drivers. AC and DC performance are completely specified. Two grades based on linearity and dynamic performance are available to provide the optimum price/performance fit in a wide range of applications.

■ 333k Samples Per Second
■ Standard ±10V and ±5V Input
■ No Missing Codes Over Temperature
■ AC Performance Over Temperature
    71.5dB Signal–to–Noise Ratio at Nyquist
    85dB Spurious–free Dynamic Range at 49KHz
    –81dB Total Harmonic Distortion at 49KHz
■ Internal Sample/Hold, Reference, Clock, and 3-State Outputs
■ Power Dissipation: 90mW
■ 24–Pin Narrow DIP and 24–Lead SOIC
■ Enhanced Single (+5V) Supply Version of ADS7800




Similar Part No. - SP7800A

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SP780104-1 DBUNLIMITED-SP780104-1 Datasheet
597Kb / 1P
Released from Engineering
SP780104-4 DBUNLIMITED-SP780104-4 Datasheet
820Kb / 1P
Released from Engineering
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
368Kb / 10P
3-Terminal Positive Regulators
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
3-Terminal Positive Regulators
SP7805V-L-TR SIPEX-SP7805V-L-TR Datasheet
368Kb / 10P
3-Terminal Positive Regulators
More results


Similar Description - SP7800A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
Micropower Sampling 12-Bit A/D Converter
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
06 1999
logo
Linear Technology
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
12-Bit, 3us, 250kHz Sampling A/D Converter
LTC1412 LINER-LTC1412 Datasheet
499Kb / 16P
12-Bit, 3Msps, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
Micropower Sampling 12-Bit A/D Converter
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
12-Bit Plus Sign Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
July 2000
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
12-Bit, 3Msps, Sampling A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com