Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7936 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7936 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7936
Download  SPT7936 Download
File Size   162.54 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 28 MSPS SAMPLING A/D CONVERTER

SPT7936 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7936 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7936
Download  SPT7936 Click to download

File Size   162.54 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 28 MSPS SAMPLING A/D CONVERTER

SPT7936 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7936 Product details

GENERAL DESCRIPTION
The SPT7936 is a compact, high-speed, low power 12-bit monolithic analog-to-digital converter, implemented in a 0.5 µm CMOS process. The converter includes sample and hold. The full scale range can be set between ±0.6 V and ±1.2 V using external references. It operates from a single 3.0-3.6 V supply-compatible with modern digital systems. Most converters in this performance range demand at least a +5 V supply. Its low distortion and high dynamic range offers the performance needed for demanding imaging, multimedia, telecommunications and instrumentation applications.

FEATURES
• 3.0-3.6 V Power Supply
• Typical SINAD: 60 dB for (fIN = 10 MHz)
• Low power: (260 mW @3.3 V)
• Sample Rate: 28 MSPS
• Internal Sample/Hold
• Differential Input
• Sleep Mode (Power Down)

APPLICATIONS
• Imaging
• Test Equipment
• Computer Scanners
• Communications
• Set-Top Boxes




Similar Part No. - SPT7936

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7936 FAIRCHILD-SPT7936 Datasheet
59Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
SPT7936SCT FAIRCHILD-SPT7936SCT Datasheet
59Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
More results


Similar Description - SPT7936

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
logo
Fairchild Semiconductor
SPT7936 FAIRCHILD-SPT7936 Datasheet
59Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
Analog Devices
AD10226 AD-AD10226 Datasheet
976Kb / 20P
Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV.0
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com