Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7936 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7936
Description  12-BIT, 28 MSPS SAMPLING A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7936 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7936 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
8/1/00
SPT7936
Data
N-1
Data
N
Data
N+1
Data
Analog Input
Clock
N+2
tH
S
A
M
P
L
E
tAP
S
A
M
P
L
E
N
S
A
M
P
L
E
N+1
tD
GENERAL DESCRIPTION
The SPT7936 is a low power, 12-bit, 28 MSPS ADC. It has a
pipelined architecture and incorporates digital error correc-
tion of the 11 most significant bits. This error correction
ensures good linearity performance for input frequencies up
to Nyquist. The inputs are fully differential, making the device
insensitive to system-level noise. This device can also be
used in a single-ended mode. (See analog input section.)
With the power dissipation roughly proportional to the sam-
pling rate, this device is ideal for very low power applications
in the range of 1 to 28 MSPS.
TYPICAL INTERFACE CIRCUIT
The SPT7936 requires few external components to achieve
the stated operation and performance. Figure 2 shows the
typical interface requirements when using the SPT7936 in
normal circuit operation. The following sections provide a descrip-
tion of the functions and outline critical performance criteria to
consider for achieving the optimal device performance.
Figure 1 - Timing Diagram
Figure 2 - Typical Interface Circuit
D8
D7
D6
D5
D4
D3
D2
D1
D0
VDD
2
D9
VIN-
VIN+
GND
CM
Bias1
Bias0
GND
ExtRef
N/C
GND
Mini-Circuit
T1-6T
VIN
+3.3 V
+1.0 V
+2.0 V
1 k
Ω
1 k
Ω
1 k
Ω
+
+
4.7
µF
.01
µF
+
4.7
µF
.01
µF
+3.3 V
+3.3 V
.01
µF
(MSB)
(LSB)
Clock Input
(3.3 V Logic)
+3.3 V
FB
Bias1
Bias0
ExtRef
50
Ω
68 pF
.01
µF
SPT7936
(*)
NOTES:
1) Place the ferrite bead (*) as close to the device as possible.
2) Place 0.01 microfarad capacitors as close to the device as possible.
3) All capacitors are surface-mount unless otherwise specified.
4) All input pins (references, analog input, clock input) must be
protected. (See absolute maximum rating.)
5) Set Bias1 and Bias0 for maximum sample rate.
Bias1Bias0
0
0
Sleep mode
0
1
Max. 5 MHz sampling
1
0
Max. 20 MHz sampling
1
1
Max. 28 MHz sampling
6) Use internal or external reference. Do not connect external voltage reference when using internal references.
7) All VDD1 and VDD2 must be connected together. Do not leave any pin unconnected.
8) All GND must be connected together. Do not leave any pin unconnected.
4.7
µF
.01
µF
.01
µF
BGAP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com