Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7936 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT7936
Description  12-BIT, 28 MSPS SAMPLING A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7936 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT7936 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
8/1/00
SPT7936
TYPICAL PERFORMANCE CHARACTERISTICS
THD
SNR
SINAD
THD, SNR, SINAD vs Input Frequency
Input Frequency (MHz)
20
30
40
50
60
70
80
100
101
102
THD, SNR, SINAD vs Temperature
70
Temperature (°C)
56
58
60
62
64
66
68
025
70
THD
SNR
SINAD
fIN = 10 MHz
Power Dissipation vs Sample Rate
(Internal Reference)
10 0
101
102
Sample Rate (MSPS)
Note: Bias1 and Bias2 optimized for each sample rate.
0
50
100
150
200
300
350
250
Sleep Mode
SINAD
SNR
THD
20
30
40
50
60
70
80
10 0
101
102
THD, SNR, SINAD vs Sample Rate
Sample Rate (MSPS)
Note: Bias1 and Bias2 currents optimized for each sample rate.
SINAD
SNR
THD
fIN = 10 MHz
THD
SNR
SINAD
45
46
47
48
49
50
51
52
53
54
55
20
30
40
50
60
70
80
THD, SNR, SINAD vs Clock Duty Cycle
Clock Duty Cycle
THD
SNR
SINAD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com