Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7936 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7936
Description  12-BIT, 28 MSPS SAMPLING A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7936 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7936 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
8/1/00
SPT7936
ELECTRICAL SPECIFICATIONS
TA = TMIN-TMAX, VDD1 =VDD2 = 3.3 V, Sampling Rate = 28 MSPS, Differential input signal, 50% duty cycle clock with 2.5 ns rise and fall times, unless otherwise
specified.
TEST
TEST
SPT7936
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Dynamic Performance
Spurious Free Dynamic Range (SFDR)
fIN = 5.0 MHz
V
67
dB
fIN = 10.0 MHz
VI
62
64
dB
Differential Phase (DP)
V
0.08
degrees
Differential Gain (DG)
V
0.27
%
Digital Inputs
Logic 0 Voltage (VIL)
VI
20% VDD
Logic 1 Voltage (VIH)
VI
80% VDD
Logic 0 Current (IIL)
(VI=VSS)VI
±1
µA
Logic 1 Current (IIH)(VI=VDD)VI
±1
µA
Input Capacitance (CIND)
V
1.8
pF
Digital Outputs
Logic 0 Voltage (VOL)
(I = +2 mA)
VI
0.2
0.4
V
Logic 1 Voltage (VOH)
(I = -2 mA)
VI
85% VDD
90% VDD
V
Output Hold Time (tH)V
5
ns
Output Delay Time (tD)V
8
ns
Switching Performance
Maximum Conversion Rate (fS)
VI
28
MSPS
Minimum Conversion Rate
IV
1
MSPS
Pipeline Delay (See Timing Diagram)
IV
8.0
Clocks
Aperture Jitter
σAP
V10
ps
Aperture Delay tAP
V2
ns
Power Supply
Supply Voltage VDD
IV
3.0
3.3
3.6
V
Supply Current IDD
ext ref
VI
75
87
mA
int ref
VI
79
91
mA
Power Dissipation PD
ext ref
VI
248
288
mW
int ref
VI
260
300
mW
Sleep Mode Current
ext ref
VI
8
9
mA
int ref
VI
11
12
mA
Sleep Mode Power Dissipation
ext ref
VI
25
29
mW
int ref
VI
36
40
mW
Power Supply Rejection Ratio (PSRR)
V
52
dB
TEST LEVEL
I
II
III
IV
V
VI
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA = +25 °C, and sample
tested at the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design
and characterization data.
Parameter is a typical value for information purposes
only.
100% production tested at TA = +25 °C. Parameter is
guaranteed over specified temperature range.
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions: All parameters having min/
max specifications are guaranteed. The Test
Level column indicates the specific device test-
ing actually performed during production and
Quality Assurance inspection. Any blank sec-
tion in the data column indicates that the speci-
fication is not tested at the specified condition.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com