Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7936 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7936
Description  12-BIT, 28 MSPS SAMPLING A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7936 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7936 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7936 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
8/1/00
SPT7936
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25
°C
Supply Voltages
VDD1 ................................................................... - 0.3 V to +6 V
VDD2 ................................................................... - 0.3 V to +6 V
Input Voltages
Analog In ....................................... - 0.3 V to VDD + 0.3 V
Digital In ........................................ - 0.3 V to VDD + 0.3 V
REFP .................................................... - 0.3 V to VDD + 0.3 V
REFN .................................................... - 0.3 V to VDD + 0.3 V
CLOCK .......................................... - 0.3 V to VDD + 0.3 V
Temperatures
Operating Temperature ................................. 0 to +70
°C
Storage Temperature.. ............................. - 65 to +125
°C
Note:
1.
Operation at any Absolute Maximum Rating is not implied. See Electrical Specifications for proper nominal
applied conditions in typical applications.
ELECTRICAL SPECIFICATIONS
TA = TMIN-TMAX, VDD1 =VDD2 = 3.3 V, Sampling Rate = 28 MSPS, Differential input signal, 50% duty cycle clock with 2.5 ns rise and fall times, unless otherwise
specified.
TEST
TEST
SPT7936
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC Accuracy
Differential Nonlinearity (DNL)
VI
±0.5
±1.0
LSB
Integral Nonlinearity
VI
±1.3
±3.0
LSB
Common Mode Rejection Ratio (CMRR)
V
54
dB
No Missing Codes
Guaranteed
Analog Input
Input Voltage Range (differential) VFSR
IV
0.6
±1
±1.2
V
Common Mode Input Voltage VCMI
IV
1.2
1.5
1.6
V
Input Capacitance CIN
V2
pF
(From Each Input to Ground)
Midscale Offset VOS
VIN+=VIN–=VCM
V
±2%
Gain Error
V
-0.2
%
Input Bandwidth
Large Signal
V
150
MHz
Reference Voltages
Internal Reference Voltage on Pin 10 (VREFNI)
VI
0.95
1.0
1.05
V
Internal Reference Voltage on Pin 11 (VREFPI)
VI
1.95
2.0
2.05
V
Internal Reference Voltage Drift
IV
100
ppm/
°C
Negative Input Voltage (VREF-)
VI
0.9
1.0
1.3
V
Positive Input Voltage (VREF+)
VI
1.9
2.0
2.3
V
Reference Input Voltage Range (VREF+ — VREF-)
IV
0.6
1.0
1.2
V
Common Mode Output Voltage (VCM)
VI
1.45
1.50
1.55
V
Bandgap Output Voltage (VBGAP)
VI
2.365
2.415
2.465
V
Dynamic Performance
Effective Number of Bits
fIN = 5.0 MHz
V
10.0
Bits
fIN = 10.0 MHz
VI
9.2
9.7
Bits
Signal to Noise and Distortion Ratio (SINAD)
fIN = 5.0 MHz
V
62
dB
fIN = 10.0 MHz
VI
57
60
dB
Signal to Noise Ratio (SNR)
fIN = 5.0 MHz
V
64
dB
Without Harmonics
fIN = 10.0 MHz
VI
59
63
dB
Total Harmonic Distortion (THD)
fIN = 5.0 MHz
V
–66
dB
fIN = 10.0 MHz
VI
–64
–61
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com