Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7937 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7937 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7937
Download  SPT7937 Download
File Size   177.42 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 28 MSPS, 170 mW A/D CONVERTER

SPT7937 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7937 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7937
Download  SPT7937 Click to download

File Size   177.42 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 12-BIT, 28 MSPS, 170 mW A/D CONVERTER

SPT7937 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7937 Product details

DESCRIPTION
The SPT7937 is a 12-bit monolithic, low-cost, low-power analog-to-digital converter capable of minimum sample rates of 28 MSPS. The SPT7937 has incorporated proprietary parallel SAR circuit design and CMOS processing technologies to achieve its advanced performance. The on-chip track-and-hold function assures very good dynamic performance without the need for externa components.

FEATURES
• Monolithic 28 MSPS analog-to-digital converter
• 170 mW power dissipation
• On-chip track-and-hold
• Single +5 V power supply
• TTL/CMOS outputs
• 5 pF input capacitance
• Selectable +3 V or +5 V logic I/O

APPLICATIONS
• All high-speed applications where low power dissipation is required
• Video imaging
• Medical imaging
• IR imaging
• Digital communications




Similar Part No. - SPT7937

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
SPT7937SIR ETC1-SPT7937SIR Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
More results


Similar Description - SPT7937

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9430 AD-AD9430 Datasheet
1Mb / 20P
12-Bit, 170 MSPS 3.3V A/D Converter
AD9731 AD-AD9731 Datasheet
149Kb / 11P
10-Bit, 170 MSPS D/A Converter
REV.A
logo
Fairchild Semiconductor
SPT7935 FAIRCHILD-SPT7935 Datasheet
54Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
SPT7936 FAIRCHILD-SPT7936 Datasheet
59Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7935 CADEKA-SPT7935 Datasheet
156Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
10-Bit, 170 MSPS D/A Converter
REV. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com