Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7937 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # SPT7937
Description  12-BIT, 28 MSPS, 170 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7937 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button SPT7937 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
3/5/02
SPT7937
PACKAGE OUTLINE
28-Lead SSOP
1
28
A
B
CD
E
F
G
I H
H
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.397
0.407
10.07
10.33
B
0.002
0.008
0.05
0.21
C
0.0256 typ
0.65 typ
D
0.010
0.015
0.25
0.38
E
0.004
0.008
0.09
0.20
F
0.066
0.070
1.68
1.78
G
0.025
0.037
0.63
0.95
H
0.301
0.311
7.65
7.90
I
0.205
0.212
5.20
5.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com