Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7937 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7937
Description  12-BIT, 28 MSPS, 170 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7937 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7937 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SPT7937
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
TECHNICAL DATA
MARCH 5, 2002
FEATURES
• Monolithic 28 MSPS analog-to-digital converter
• 170 mW power dissipation
• On-chip track-and-hold
• Single +5 V power supply
• TTL/CMOS outputs
• 5 pF input capacitance
• Selectable +3 V or +5 V logic I/O
APPLICATIONS
• All high-speed applications where
low power dissipation is required
• Video imaging
• Medical imaging
• IR imaging
• Digital communications
DESCRIPTION
The SPT7937 is a 12-bit monolithic, low-cost, low-power
analog-to-digital converter capable of minimum sample
rates of 28 MSPS. The SPT7937 has incorporated propri-
etary parallel SAR circuit design and CMOS processing
technologies to achieve its advanced performance.
The on-chip track-and-hold function assures very good
dynamic performance without the need for external
components.
BLOCK DIAGRAM
Power dissipation is extremely low at only 170 mW typical
at 28 MSPS with a power supply of +5.0 V. The digital out-
puts are +3 V or +5 V, and are user selectable. Inputs and
outputs are TTL/CMOS compatible to interface with TTL/
CMOS logic systems. Output data format is straight binary.
The SPT7937 is available in a 28-lead SSOP package
over the industrial temperature range.
AIN
CLK In
...
13-Bit
SAR
DAC
ADC Section 1
T/H
13
13-Bit
SAR
DAC
ADC Section 18
Auto-
Zero
CMP
Auto-
Zero
CMP
T/H
13
1:18
Mux
13
13
13
13
13-Bit
18:1
Mux/
Error
Correction
Timing
and
Control
P1
P2
P17
P18
ADC Section 2
ADC Section 17
..
.
Reference Ladder
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
DØ (LSB)
D11 (MSB)
D12 Out of Range
VRLS
VRHF
VRLF
VRHS
..
.
..
.


Similar Part No. - SPT7937

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
SPT7937SIR ETC1-SPT7937SIR Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
More results

Similar Description - SPT7937

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9430 AD-AD9430 Datasheet
1Mb / 20P
12-Bit, 170 MSPS 3.3V A/D Converter
AD9731 AD-AD9731 Datasheet
149Kb / 11P
10-Bit, 170 MSPS D/A Converter
REV.A
logo
Fairchild Semiconductor
SPT7935 FAIRCHILD-SPT7935 Datasheet
54Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
SPT7936 FAIRCHILD-SPT7936 Datasheet
59Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7935 CADEKA-SPT7935 Datasheet
156Kb / 8P
12-BIT, 20 MSPS, 79 mW A/D CONVERTER
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD9430 AD-AD9430_10 Datasheet
1Mb / 44P
12-Bit, 170/210 MSPS 3.3 V A/D Converter
Rev. E
AD9731 AD-AD9731_15 Datasheet
851Kb / 12P
10-Bit, 170 MSPS D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com