Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7937 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7937
Description  12-BIT, 28 MSPS, 170 mW A/D CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7937 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7937 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7937 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
3/5/02
SPT7937
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25 °C
Supply Voltages
AVDD ...................................................................... +6 V
DVDD ..................................................................... +6 V
OVDD ..................................................................... +6 V
Input Voltages
Analog Input ................................. –0.7 V to VDD +0.7 V
CLK Input ............................................................... VDD
AVDD – DVDD .................................................. ±100 mV
AGND – DGND .............................................. ±100 mV
Output
Digital Outputs .................................................... 10 mA
Temperature
Operating Temperature ........................... –40 to +85 °C
Junction Temperature ...................................... +175 °C
Lead Temperature, (soldering 10 seconds) ...... +300 °C
Storage Temperature ............................ –65 to +150 °C
Note 1: Operation at any Absolute Maximum Rating is not implied. See
Electrical Specifications for proper nominal applied conditions
in typical applications.
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, VDD=+5.0 V, ƒS=28 MSPS, VIN=0 to 4 V, VRHS=4.0 V, VRLS=0.0 V, unless otherwise specified.
TEST
TEST
SPT7937
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Resolution
12
Bits
DC Accuracy
Integral Linearity Error (ILE)
V
±1.75
LSB
Differential Linearity Error (DLE)
V
±0.9
LSB
No Missing Codes
VI
Guaranteed
Analog Input
Input Voltage Range
VI
VRLS
VRHS
V
Input Capacitance
V
5.0
pF
Input Bandwidth
V
250
MHz
Input Impedance
35
k
–Full-Scale Error1
V
1.0
LSB
+Full-Scale Error1
V
0.12
%FS
Conversion Characteristics
Maximum Conversion Rate
VI
28
MHz
Minimum Conversion Rate
V
1
MHz
Pipeline Delay (Latency)
IV
14
Clock Cycles
Aperture Delay Time (TAP)
V
1.0
ns
Aperture Jitter Time
V
5.0
ps (RMS)
Clock Duty Cycle
V
40
60
%
Over-Voltage Recovery Time2
36
ns
Reference Input
Resistance
VI
350
500
650
Voltage Range3
VRHS
IV
3.0
VDD
V
VRLS
IV
0.0
2.0
V
VRHS – VRLS
V
1.0
4.0
5.0
V
Dynamic Performance
Effective Number of Bits
ƒIN = 3.58 MHz
V
10.3
Bits
ƒIN = 10 MHz
VI
10.0
Bits
1
The full-scale range spans the reference ladder sense pins, VRHS and VRLS. Refer to the Voltage Reference section for discussion.
2
Due to internal architecture, over-voltage recovery time is less than one clock cycle (i.e., 25 ns at ƒCLK = 40 MHz).
3
For optimum performance, the full-scale voltage range (VRHS–VRLS) should be between 3 V to 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com